Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 5KP
Description  5000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

5KP Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  5KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 5KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MARKING & ORDERING INFORMATION
Product Type
Cathode Band
5KP
XX
C
A
(1)
(2)
(3)
(4)
(1)Series:5000 watts series
(2)Reverse Stand-off Voltage
(3)Bi-directional
(4)5% VBR Voltage tolerance
Logo
5KPxxCA
PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Ref.
Min.
A
B
C
D
Max.
Min.
Max.
1.000
25.40
0.339
0.048
0.340
0.370
0.052
0.360
8.60
1.20
8.60
9.40
1.40
9.10
-
-
A
B
A
Part Number
Case Type
Quantity
Packing Option
5KPXXCA/A
R6/P600
300
Box
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2014
5/5
5KP Series 5000W Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com