Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DT Datasheet(PDF) 52 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 48Page - STMicroelectronics STV82X7DT Datasheet HTML 49Page - STMicroelectronics STV82X7DT Datasheet HTML 50Page - STMicroelectronics STV82X7DT Datasheet HTML 51Page - STMicroelectronics STV82X7DT Datasheet HTML 52Page - STMicroelectronics STV82X7DT Datasheet HTML 53Page - STMicroelectronics STV82X7DT Datasheet HTML 54Page - STMicroelectronics STV82X7DT Datasheet HTML 55Page - STMicroelectronics STV82X7DT Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 149 page
background image
Register List
STV82x7
52/149
PEAK_DET_INPUT
9Dh
0000 0000
PEAK_
LOCATION
0
PEAK_L_R_RANGE
PEAK_DET_INPUT[1:0]
PEAK_DET_L
9Eh
0(0000
0000)
OVERLOAD_L
[7:0]
PEAK_L[6:0]
PEAK_DET_R
9Fh
0(0000
0000)
OVERLOAD_
R[7:0]
PEAK_R[6:0]
PEAK_DET_L_R
A0h
0(0000
0000)
OVERLOAD_L
_R[7:0]
PEAK_L_R[6:0
Matrixing
AUDIO_MATRIX_INPUT
A2h
0000 0000
0
0
0
0
0
SCART_
INPUT_
SOURCE
HP_INPUT_
SOURCE
LS_INPUT_
SOURCE
AUDIO_MATRIX_CONFIG
A3h
0000 0000
0
0
0
SCART_
MATRIX
DEMOD_MATRIX[3:0]
AUDIO_MATRIX_LANGUAGE
A4h
0000 0000
MUTE_
STEREO
MUTE_
ALL
SCART_LANGUAGE[1:0]
HP_LANGUAGE[1:0]
LS_LANGUAGE[1:0]
DOWNMIX_IN_MODE
A6h
0000 0010
0
0
0
0
LFE_IN
MIX_IN_MODE[2:0]
DOWNMIX_OUT_MODE
A7h
0100 1010
0
HP_MODE[1:0]
SCART_MODE[1:0]
MIX_OUT_MODE[2:0]
DOWNMIX_DUAL_MODE
A8h
0000 0000
0
DUAL_ON
LS_DUAL_SELECT[1:0]
SCART_DUAL_SELECT
[1:0]
HP_DUAL_SELECT[1:0]
DOWNMIX_CONFIG
A9h
0000 0001
0
0
SRND_FACTOR[1:0]
CENTER_FACTOR[1:0]
LR_UPMIX
NORMALIZE
Audio Processing
PRO_LOGIC2_CONTROL
AAh
0011 1010
PL2_LFE
PL2_OUTPUT_DOWNMIX[2:0]
PL2_MODES[2:0]
PL2_ACTIVE
PCM_SRND_DELAY
ABh
0000 0000
0
0
0
SNRD_DELAY[4:0]
PCM_CENTER_DELAY
ACh
0000 0000
0
0
0
0
CENTER_DELAY[3:0]
PRO_LOGIC2_CONFIG
ADh
0000 0000
0
0
0
PL2_SRND_FILTER
PL2_RS_
POLARITY
PL2_
PANORAMA
PL2_AUTO
BALANCE
PRO_LOGIC2_DIMENSION
AEh
0000 0000
0
PL2_C_WIDTH
0
PL2_DIMENSION
PRO_LOGIC2_LEVEL
AFh
0000 0000
PL2_LEVEL
NOISE_GENERATOR
B0h
0000 0000
10_DB_
ATTENUATE
SRIGHT_
NOISE
SLEFT_
NOISE
SUB_
NOISE
CENTER_
NOISE
RIGHT_
NOISE
LEFT_
NOISE
NOISE_ON
TRUSRND_CONTROL
B1h
0000 0000
0
TRUSRND_
MONO_
SRND
TRUSRND_INPUT_MODE[3:0]
TRUSRND_
MODE
TRUSRND_
ON
TRUSRND_INPUT_GAIN
B6h
0000 0000
TRUSRND_INPUT_GAIN[7:0]
TRUSRND_HP_DCL
B7h
0000 0000
0
0
0
0
0
DIALOG_
CLARITY_ON
HEADPHONE
_ON
0
TRUSRND_DC_ELEVATION
B8h
0000 1100
TRUSRND_DC_ELEVATION[7:0]
TRUBASS_LS_CONTROL
BAh
0000 0110
0
0
0
TRUBASS_LS_SIZE[3:0]
TRUBASS_
LS_ON
TRUBASS_LS_LEVEL
BBh
00001 1001
TRUBASS_LS_LEVEL[7:0]
TRUBASS_HP_CONTROL
BCh
0000 0110
0
0
0
TRUBASS_HP_SIZE[3:0]
TRUBASS_
HP_ON
TRUBASS_HP_LEVEL
BDh
0000 1001
TRUBASS_HP_LEVEL[7:0]
SVC_LS_CONTROL
BEh
0000 0010
0
0
0
0
SVC_LS_INPUT[1:0]
SVC_
LS_AMP
SVC_
LS_ON
SVC_LS_TIME_TH
BFh
1001 1000
SVC_LS_TIME[2:0]
SVC_LS_THRESHOLD[4:0]
SVC_HP_CONTROL
C0h
0000 0010
0
0
0
0
0
0
SVC_
LHP_AMP
SVC_
HP_ON
Table 9: List of I²C Registers (Sheet 4 of 6)
Name
Addr.
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com