Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DT Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 17Page - STMicroelectronics STV82X7DT Datasheet HTML 18Page - STMicroelectronics STV82X7DT Datasheet HTML 19Page - STMicroelectronics STV82X7DT Datasheet HTML 20Page - STMicroelectronics STV82X7DT Datasheet HTML 21Page - STMicroelectronics STV82X7DT Datasheet HTML 22Page - STMicroelectronics STV82X7DT Datasheet HTML 23Page - STMicroelectronics STV82X7DT Datasheet HTML 24Page - STMicroelectronics STV82X7DT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 149 page
background image
21/149
STV82x7
Digital Demodulator
3
Digital Demodulator
The Digital Demodulator (see Figure 10) is composed of two channels. The first channel
demodulates an FM or an AM signal. The second channel demodulates FM 2-carrier or NICAM
signals (stereo demodulation).
All channel parameters are programmed automatically by the built-in Automatic Standard
Recognition System (Autostandard) in order to find the correct sound standard. Channels can also
be programmed manually via the I²C interface for very specific standards not included among the
known standards.
3.1
Sound IF Signal
The Analog Sound Carrier IF is connected to the STV82x7 via the SIF pin. Before Analog-to-Digital
Conversion (ADC), an Automatic Gain Control (AGC) is performed to adjust the incoming IF signal
to the full scale of the ADC. A preliminary video rejection is recommended to optimize conversion
and demodulation performances. The AGC system provides a gain value allowing for a wide range
of SIF input levels and is activated for all standards, except L/L’. In this particular case, the sound
carrier is AM-modulated and an automatic level adjustment would only damage the transmitted
audio signal. A preset I²C parameter is provided to define the gain of the AGC used in Manual mode
(Registers AGC_CTRL and AGC_GAIN).
Note:
For optimum AM demodulation performance, it is recommended to use the MONO Input.
Figure 10: Demodulator Block Diagram
Mixer
Mixer
DCO2 +
Channel
Filter
FIR1
Channel
Filter
FIR2
AM
Demodulator
FM
Demodulator
FM
Demodulator
DQPSK
Demodulator
AUTOSTD
AGC
Control
SIF
NICAM
Decoder
DCO1+
Zweiton
A/D
NICAM L
NICAM R
AM/FM Mono
AM
FML
FM Stereo
AUTOSTD_CTRL (8Ah)
AUTOSTD_STANDARD_DETECT (8Bh)
AUTOSTD_STEREO_DETECT (8Ch)
AUTOSTD_STATUS (8Eh)
DEMOD_STAT(0Dh)
ZWT_STAT (42h)
NICAM_STAT(3Fh)
CAROFFSET1 (22h)
CAROFFSET2 (3Ah)
Channel 1 = Mono Left
Channel 2 = Stereo/Mono Right
AGC_CTRL (0Eh)
AGC_GAIN (0Fh)
(To Sound Preprocessing)
(To Sound Preprocessing)
(To Sound Preprocessing)
Decoder
AGC
Amp
AUTOSTD_TIMERS (8Dh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com