Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DT Datasheet(PDF) 93 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 89Page - STMicroelectronics STV82X7DT Datasheet HTML 90Page - STMicroelectronics STV82X7DT Datasheet HTML 91Page - STMicroelectronics STV82X7DT Datasheet HTML 92Page - STMicroelectronics STV82X7DT Datasheet HTML 93Page - STMicroelectronics STV82X7DT Datasheet HTML 94Page - STMicroelectronics STV82X7DT Datasheet HTML 95Page - STMicroelectronics STV82X7DT Datasheet HTML 96Page - STMicroelectronics STV82X7DT Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 149 page
background image
93/149
STV82x7
Register List
12.14 Matrixing
AUDIO_MATRIX_INPUT
Audio Matrix Input Selection Register
AUDIO_MATRIX_CONFIG
Register Description
Address: A2h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
0
SCART_
INPUT_
SOURCE
HP_INPUT_
SOURCE
LS_INPUT_
SOURCE
Bit Name
Reset
Function
Bits [7:3]
00000
Reserved.
SCART_INPUT_
SOURCE
0
Select input source for SCART output:
0: Demod
1: SCART input
HP_INPUT_
SOURCE
0
Select input source for HP output:
0: Demod
1: SCART input
LS_INPUT_
SOURCE
0
Select input source for LS output:
0: Demod
1: SCART input
Address: A3h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0
SCART_
MATRIX
DEMOD_MATRIX[3:0]
Bit Name
Reset
Function
Bits [7:5]
000
Reserved.
SCART_MATRIX
0
Indicates the SCART input signal matrixing (see Table 22)
DEMOD_MATRIX [3:0]
0000
Indicates the demod input signal matrixing (see Table 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com