Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DT Datasheet(PDF) 91 Page - STMicroelectronics

Part # STV82X7DT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DT Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STV82X7DT Datasheet HTML 87Page - STMicroelectronics STV82X7DT Datasheet HTML 88Page - STMicroelectronics STV82X7DT Datasheet HTML 89Page - STMicroelectronics STV82X7DT Datasheet HTML 90Page - STMicroelectronics STV82X7DT Datasheet HTML 91Page - STMicroelectronics STV82X7DT Datasheet HTML 92Page - STMicroelectronics STV82X7DT Datasheet HTML 93Page - STMicroelectronics STV82X7DT Datasheet HTML 94Page - STMicroelectronics STV82X7DT Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 149 page
background image
91/149
STV82x7
Register List
PEAK_DET_INPUT
Peak Detector Input source Register
PEAK_DET_L
Peak Level Detector Status Register (L channel)
NICAM_DEMATRIX 0
Dematrixing for NICAM demodulator input:
00: L=ch0, R=ch1
01: L=ch1, R=ch0
NICAM_DEEMPH_
BYPASS
0
0: NICAM deemphasis is not bypassed.
1: NICAM deepmhasis is bypassed.
FM_DEMATRIX[3:2] 00
Dematrixing for FM demodulator input:
00: L=ch0, R=ch1
01: L=ch0+ch1, R=ch0-ch1
10: L=2ch0-ch1, R=ch1
11: L=(ch0+ch1)/2, R=(ch0-ch1)/2
FM_DEEMPH_
BYPASS
0
0: FM deemphasis is not bypassed.
1: FM deepmhasis is bypassed.
FM_DEEMPH_SW
0
0: 50 µs FM deemphasis.|
1: 75 µs FM deepmhasis.
Address: 9Dh
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PEAK_LOCATION
0
PEAK_L_R_RANGE
PEAK_DET_INPUT[1:0]
Bit Name
Reset
Function
PEAK_LOCATION
0
Peak detector location :
0: Peak detector placed between FM/NICAM Dematrix and Audio Matrix or between I²S
Prescale and DownMix
1: Peak detector placed before DC removal (For input saturation detection)
Bit 6
0
Reserved.
PEAK_L_R_RANGE
0000
Peak L-R range.
0000 : 0 dBFS to -42 dBFS
0001 : -6 dBFS to -48 dBFS
0010 : -12 dBFS to -54 dBFS
0011 : -18 dBFS to -60 dBFS
...
PEAK_DET_INPUT[1:0] 00
Peak Level Detector Source Selection
00: AM/FM or I2S 0
10: SCART or I2S 2
01: NICAM or I2S 1
Address: 9Eh
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OVERLOAD_L
PEAK_L[6:0]
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com