Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS612LSB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS612LSB
Description  DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSB Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS612LSB Datasheet HTML 1Page - Allegro MicroSystems ATS612LSB Datasheet HTML 2Page - Allegro MicroSystems ATS612LSB Datasheet HTML 3Page - Allegro MicroSystems ATS612LSB Datasheet HTML 4Page - Allegro MicroSystems ATS612LSB Datasheet HTML 5Page - Allegro MicroSystems ATS612LSB Datasheet HTML 6Page - Allegro MicroSystems ATS612LSB Datasheet HTML 7Page - Allegro MicroSystems ATS612LSB Datasheet HTML 8Page - Allegro MicroSystems ATS612LSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ATS612LSB
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
5
www.allegromicro.com
TYPICAL ELECTRICAL CHARACTERISTICS
0
40
80
120
160
250
150
AMBIENT TEMPERATURE IN
°°°°C
225
200
175
-40
Dwg. GH-013-2
200
275
I
= 20 mA
OUT
0
40
80
120
160
12
AMBIENT TEMPERATURE IN
°°°°C
10
8.0
6.0
-40
Dwg. GH-014-2
200
11
9.0
7.0
14
4.0
OUTPUT ON
OUTPUT OFF
V
= 8 V
CC
12
SUPPLY VOLTAGE IN VOLTS
10
8.0
6.0
Dwg. GH-058-1
11
9.0
7.0
13
5.0
OUTPUT ON
OUTPUT OFF
2.0
6.0
10
14
18
T
= 25
°C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com