Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS612LSB Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # ATS612LSB
Description  DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSB Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button ATS612LSB Datasheet HTML 8Page - Allegro MicroSystems ATS612LSB Datasheet HTML 9Page - Allegro MicroSystems ATS612LSB Datasheet HTML 10Page - Allegro MicroSystems ATS612LSB Datasheet HTML 11Page - Allegro MicroSystems ATS612LSB Datasheet HTML 12Page - Allegro MicroSystems ATS612LSB Datasheet HTML 13Page - Allegro MicroSystems ATS612LSB Datasheet HTML 14Page - Allegro MicroSystems ATS612LSB Datasheet HTML 15Page - Allegro MicroSystems ATS612LSB Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ATS612LSB
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
15
www.allegromicro.com
MECHANICAL INFORMATION
Component
Material
Function
Units
Sensor Face
Thermoset epoxy
Maximum temperature
170
°C*
Plastic Housing
Thermoplastic PBT,
264 psi deflection temp. (DTUL)
204
°C
30% glass filled
66 psi deflection temp. (DTUL)
216
°C
Approximate melting temperature
225
°C
Flame Class Rating
—
—
UL94V-0
Leads
Copper
—
—
Lead Finish
90/10 tin/lead solder plate
—
†
Lead Pull
—
—
8 N
*Temperature excursions to 225
°C for 2 minutes or less are permitted.
†All industry-accepted soldering techniques are permitted for these modules provided the indicated maximum tempera-
ture for each component (e.g., sensor face, plastic housing) is not exceeded. Reasonable dwell times, which do not
cause melting of the plastic housing, should be used.
Sensor Location (in millimeters)
(sensor location relative to package center is the design objective)
Lead Cross Section (in millimeters)
0.41
NOM.
0.38
NOM.
0.0076
MIN. PLATING
THICKNESS
Dwg. MH-019A mm
0.48
0.36
0.44
0.35
Dwg. MH-018 mm
A
2.235
0.1
1.1
Allegro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com