Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS612LSB Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS612LSB
Description  DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSB Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS612LSB Datasheet HTML 1Page - Allegro MicroSystems ATS612LSB Datasheet HTML 2Page - Allegro MicroSystems ATS612LSB Datasheet HTML 3Page - Allegro MicroSystems ATS612LSB Datasheet HTML 4Page - Allegro MicroSystems ATS612LSB Datasheet HTML 5Page - Allegro MicroSystems ATS612LSB Datasheet HTML 6Page - Allegro MicroSystems ATS612LSB Datasheet HTML 7Page - Allegro MicroSystems ATS612LSB Datasheet HTML 8Page - Allegro MicroSystems ATS612LSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ATS612LSB
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
3
www.allegromicro.com
ELECTRICAL CHARACTERISTICS over operating voltage and temperature range,
C
3 = 0.1 µF to 0.47 µF.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
CC
Operating, T
J < 165°C
3.6
–
24
V
Power-On State
POS
V
CC = 0 → 5 V
HIGH
HIGH
HIGH
–
Under-Voltage Lockout
VCC(UV)
VCC = 0 → 5 V
2.5
–
3.6
V
Under-Voltage Hysteresis
V
CC(hys)
V
CC(UV) – VCC(SD)
–
0.2
–
V
Low Output Voltage
V
OUT(SAT)
I
OUT = 20 mA
–
190
400
mV
Output Current Limit
IOUTM
VOUT = 12 V
25
45
55
mA
Output Leakage Current
I
OFF
V
OUT = 24 V
–
0.2
15
µA
Supply Current
I
CC
Output OFF
6.0
8.2
13
mA
Output ON
8.0
10
15
mA
Power-On Delay
ton
VCC > 5 V
–
80
500
µs
Output Rise Time
t
r
R
L = 500 Ω, CL = 10 pF
–
0.2
5.0
µs
Output Fall Time
tf
RL = 500 Ω, CL = 10 pF
–
0.2
5.0
µs
NOTES: Typical data is at VCC = 8 V and TA = +25°C and is for design information only.
VCC(SD) = shutdown voltage, VCC = 5 V → 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com