Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS612LSB Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # ATS612LSB
Description  DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSB Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button ATS612LSB Datasheet HTML 8Page - Allegro MicroSystems ATS612LSB Datasheet HTML 9Page - Allegro MicroSystems ATS612LSB Datasheet HTML 10Page - Allegro MicroSystems ATS612LSB Datasheet HTML 11Page - Allegro MicroSystems ATS612LSB Datasheet HTML 12Page - Allegro MicroSystems ATS612LSB Datasheet HTML 13Page - Allegro MicroSystems ATS612LSB Datasheet HTML 14Page - Allegro MicroSystems ATS612LSB Datasheet HTML 15Page - Allegro MicroSystems ATS612LSB Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS612LSB
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
14
Operation From a Regulated Power Supply. These
devices require minimal protection circuitry during opera-
tion from a low-voltage regulated line. The on-chip voltage
regulator provides immunity to power supply variations
between 3.6V and 24V. However, even while operating
from a regulated line, some supply and output filtering is
required to provide immunity to coupled and injected noise
on the supply line. A basic RC low-pass circuit (R1C1) on
the supply line and an optional output capacitor (C2) is
recommended for operation in noisy environments.
Because the device has an open-collector output, an
output pull-up resistor (RL) must be included either at the
sensor output (pin 2) or by the signal processor input.
sufficiently high reverse breakdown capabilities so as to
withstand the most negative transient. The current-limiting
resistor (RZ) and the Zener diode should be sized for
power dissipation requirements.
Capacitor Requirements. The choice of the capacitor at
pin 3 (C3) defines the minimum operating speed of the
target. This capacitor (0.1
µF minimum) is required to
stabilize the internal amplifiers as well as to eliminate the
signal offsets. Typically, a 0.22
µF low-leakage ceramic
capacitor is recommended. Values greater than 0.47
µF
should not be used as this may cause high-speed perfor-
mance degradation.
Capacitor leakage current at pin 3 will cause degra-
dation in the low-speed performance of the device. Ex-
cess capacitor leakage can result in the sensor changing
output state without movement of the gear tooth being
sensed. In addition to the capacitor leakage, it is ex-
tremely important to minimize the leakage at the PC board
and between the pins of the sensor. Up to 50nA of
external leakage can be tolerated at the capacitor pin node
to ground. Choice of low-leakage-current potting com-
pounds and the use of clean PC board techniques are
extremely important.
Additional applications Information on gear-tooth
and other Hall-effect sensors is provided in the
Allegro
Integrated and Discrete Semiconductors Data Book or
Application Note 27701.
3
X
X
+
-
1
2
4
Vcc
Dwg. EH-008A
20
Ω
RL
0.033
µF
0.22
µF
100 pF
OUTPUT
SUPPLY
0.033
µF
2.5 k
Ω
6.8 V
C3
C 2
C1
R 1
R Z
C S
3
X
X
Dwg. EH-008-1A
+
-
1
2
4
Vcc
20
Ω
R L
0.033
µF
0.22
µF
100 pF
OUTPUT
SUPPLY
C3
C2
C 1
R 1
Operation From an Unregulated Power Supply. In
automotive applications, where the device receives its
power from an unregulated supply such as the battery, full
protection is generally required so that the device can
withstand the many supply-side transients. Specifications
for such transients vary between car manufacturers, and
protection-circuit design should be optimized for each
application. In the circuit below, a simple Zener-controlled
regulator is constructed using discrete components. The
RC low-pass filter on the supply line (R1C1) and a low-
value supply bypass capacitor (CS) can be included, if
necessary, so as to minimize susceptibility to EMI/RFI.
The npn transistor should be chosen with sufficiently high
forward breakdown voltage so as to withstand supply-side
transients. The series diode should be chosen with
APPLICATIONS INFORMATION — Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com