Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5481CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5481CS
Description  Quad 8ns High-Speed Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5481CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL5481CS Datasheet HTML 1Page - Intersil Corporation EL5481CS Datasheet HTML 2Page - Intersil Corporation EL5481CS Datasheet HTML 3Page - Intersil Corporation EL5481CS Datasheet HTML 4Page - Intersil Corporation EL5481CS Datasheet HTML 5Page - Intersil Corporation EL5481CS Datasheet HTML 6Page - Intersil Corporation EL5481CS Datasheet HTML 7Page - Intersil Corporation EL5481CS Datasheet HTML 8Page - Intersil Corporation EL5481CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Typical Performance Curves
Positive Supply Current vs Temperature
(per comparator)
7.15
7.1
7.05
7
6.95
6.9
6.85
6.8
6.75
6.7
-50
-30
-10
10
30507090
Temperature (°C)
Negative Supply Current vs Temperature
(per comparator)
-4.4
-4.5
-4.6
-4.7
-4.8
-4.9
-5
-5.1
-5.2
-50
-30
-10
1030507090
Temperature (°C)
Input Bias Current vs Temperature
6
5
4
3
2
1
0
-50
-30
-10
10
30507090
Temperature (°C)
Offset Voltage vs Temperature
0.7
0.6
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-50
-30
-10
1030507090
Temperature (°C)
0.5
Negative Supply Current vs Negative Supply Voltage (per
comparator)
5.5
3
5
3.5
4.5
4
07
123456
VS- (V)
7
0
5
1
3
2
Positive Supply Current vs Supply Voltage
(per comparator)
07
123456
VS+ (V)
6
4
VS-=-5V
VSD=5V
VIN=50mV
TA=25°C
VS+=5V
VSD=5V
VIN=50mV
TA=25°C
EL5481, EL5482



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com