Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5481CS Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5481CS
Description  Quad 8ns High-Speed Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5481CS Datasheet(HTML) 8 Page - Intersil Corporation

  EL5481CS Datasheet HTML 1Page - Intersil Corporation EL5481CS Datasheet HTML 2Page - Intersil Corporation EL5481CS Datasheet HTML 3Page - Intersil Corporation EL5481CS Datasheet HTML 4Page - Intersil Corporation EL5481CS Datasheet HTML 5Page - Intersil Corporation EL5481CS Datasheet HTML 6Page - Intersil Corporation EL5481CS Datasheet HTML 7Page - Intersil Corporation EL5481CS Datasheet HTML 8Page - Intersil Corporation EL5481CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Applications Information
Power Supplies and Circuit Layout
The EL5481 and EL5482 comparators operate with single
and dual supply with 5V to 12V between VS+ and VS-. The
output side of the comparators is supplied by a single supply
from 2.7V to 5V. The rail to rail output swing enables direct
connection of the comparator to both CMOS and TTL logic
circuits. As with many high speed devices, the supplies must
be well bypassed. Elantec recommends a 4.7µF tantalum in
parallel with a 0.1µF ceramic. These should be placed as
close as possible to the supply pins. Keep all leads short to
reduce stray capacitance and lead inductance. This will also
minimize unwanted parasitic feedback around the
comparator. The device should be soldered directly to the
PC board instead of using a socket. Use a PC board with a
good, unbroken low inductance ground plane. Good ground
plane construction techniques enhance stability of the
comparators.
Input Voltage Considerations
The EL5481 and EL5482 input range is specified from 0.1V
below VS- to 2.25V below VS+. The criterion for the input
limit is that the output still responds correctly to a small
differential input signal. The differential input stage is a pair
of PNP transistors, therefore, the input bias current flows out
of the device. When either input signal falls below the
negative input voltage limit, the parasitic PN junction formed
by the substrate and the base of the PNP will turn on,
resulting in a significant increase of input bias current. If one
of the inputs goes above the positive input voltage limit, the
output will still maintain the correct logic level as long as the
other input stays within the input range. However, the
propagation delay will increase. When both inputs are
outside the input voltage range, the output becomes
unpredictable. Large differential voltages greater than the
supply voltage should be avoided to prevent damages to the
input stage. Inputs of unused channels should not be left
floating. They should be driven to a known state. For
example, one input can be tied to ground and the other input
can be connected to some voltage reference (like ±100mV)
to avoid oscillation in the output due to unwanted output to
input feedback.
Input Slew Rate
Most high speed comparators oscillate when the voltage of
one of the inputs is close to or equal to the voltage on the
other input due to noise or undesirable feedback. For clean
output waveform, the input must meet certain minimum slew
rate requirements. In some applications, it may be helpful to
apply some positive feedback (hysteresis) between the
output and the positive input. The hysteresis effectively
causes one comparator's input voltage to move quickly past
the other, thus taking the input out of the region where
oscillation occurs. For the EL5481 and EL5482, the
propagation delay increases when the input slew rate
increases for low overdrive voltages. With high overdrive
voltages, the propagation delay does not change much with
the input slew rate.
Latch Pin Dynamics
The EL5482 contains a “transparent” latch for each channel.
The latch pin is designed to be driven with either a TTL or
CMOS output. When the latch is connected to a logic high
level or left floating, the comparator is transparent and
immediately responds to the changes at the input terminals.
When the latch is switched to a logic low level, the
comparator output remains latched to its value just before
the latch’s high-to-low transition. To guarantee data
retention, the input signal must remain the same state at
least 1ns (hold time) after the latch goes low and at least 2ns
(setup time) before the latch goes low. When the latch goes
high, the new data will appear at the output in approximately
6ns (latch propagation delay). The EL5481 has no latch pins.
Hysteresis
Hysteresis can be added externally. The following two
methods can be used to add hysteresis.
Inverting comparator with hysteresis:
R3 adds a portion of the output to the threshold set by R1
and R2. The calculation of the resistor values are as follows:
Select the threshold voltage VTH and calculate R1 and R2.
The current through R1/R2 bias string must be many times
greater than the input bias current of the comparator:
Let the hysteresis be VH, and calculate R3:
where:
VO=VSD-0.8V (swing of the output)
Recalculate R2 to maintain the same value of VTH:
Non inverting comparator with hysteresis:
+
-
R3
VIN
VREF
R2
R1
V
TH
V
REF
R
1
R
1
R
2
+
---------------------
×
=
R
3
V
O
V
H
--------
R
1
(
R
2 )
||
×
=
R
21VREF
(
V
TH )
V
TH
R
1
-----------
÷
–
V
TH
0.5V
SD
–
R
3
--------------------------------------
+
=
+
-
R3
VIN
VREF
R1
EL5481, EL5482



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com