Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5481CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5481CS
Description  Quad 8ns High-Speed Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5481CS Datasheet(HTML) 9 Page - Intersil Corporation

  EL5481CS Datasheet HTML 1Page - Intersil Corporation EL5481CS Datasheet HTML 2Page - Intersil Corporation EL5481CS Datasheet HTML 3Page - Intersil Corporation EL5481CS Datasheet HTML 4Page - Intersil Corporation EL5481CS Datasheet HTML 5Page - Intersil Corporation EL5481CS Datasheet HTML 6Page - Intersil Corporation EL5481CS Datasheet HTML 7Page - Intersil Corporation EL5481CS Datasheet HTML 8Page - Intersil Corporation EL5481CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
R3 adds a portion of the output to the positive input. Note
that the current through R3 should be much greater than the
input bias current in order to minimize errors. The calculation
of the resistor values as follows:
Pick the value of R1. R1 should be small (less than 1kΩ) in
order to minimize the propagation delay time.
Choose the hysteresis VH and calculate R3:
Check the current through R3 and make sure that it is much
greater than the input bias current as follows:
The above two methods will generate hysteresis of up to a
few hundred millivolts. Beyond that, the impedance of R3 is
low enough to affect the bias string and adjustment of R1
may be required.
Power Dissipation
When switching at high speeds, the comparator's drive
capability is limited by the rise in junction temperature
caused by the internal power dissipation. For reliable
operation, the junction temperature must be kept below
TJMAX (125°C).
An approximate equation for the device power dissipation is
as follows. Assume the power dissipation in the load is very
small:
where:
VS is the analog supply voltage from VS+ to VS-
IS is the analog quiescent supply current per comparator
VSD is the digital supply voltage from VSD to ground
ISD is the digital supply current per comparator
N is the number of comparators in the package
ISD strongly depends on the input switching frequency.
Please refer to the performance curve to choose the input
driving frequency. Having obtained the power dissipation, the
maximum junction temperature can be determined as
follows:
where:
TMAX is the maximum ambient temperature
θ
JA is the thermal resistance of the package
Threshold Detector
The inverting input is connected to a reference voltage and
the non-inverting input is connected to the input. As the input
passes the VREF threshold, the comparator's output
changes state. The non-inverting and inverting inputs may
be reversed.
Crystal Oscillator
A simple crystal oscillator using one comparator of an
EL5481 and EL5482 is shown below. The resistors R1 and
R2 set the bias point at the comparator's non-inverting input.
Resistors R3, R4, and C1 set the inverting input node at an
appropriate DC average voltage based on the output. The
crystal's path provides resonant positive feedback and stable
oscillation occurs. Although the EL5481 and EL5482 will give
the correct logic output when an input is outside the common
mode range, additional delays may occur when it is so
operated. Therefore, the DC bias voltages at the inputs are
set about 500mV below the center of the common mode
range and the 200
Ω resistor attenuates the feedback to the
non-inverting input. The circuit will operate with most AT-cut
crystal from 1MHz to 8MHz over a 2V to 7V supply range.
The output duty cycle for this circuit is roughly 50% at 5V
VCC, but it is affected by the tolerances of the resistors. The
duty cycle can be adjusted by changing VCC value.
R
3
V
(
SD
0.8
)
R
1
V
H
--------
×
–
=
I
0.5V
SD
V
REF
–
R
3
------------------------------------------
=
P
DISS
V
S
I
S
V
SD
I
SD )
N
×
×
+
×
(
=
T
JMAX
T
MAX
Θ
JA
P
DISS
×
+
=
+
-
VIN
VREF
VOUT
+
-
200
Ω
VOUT
R4
R3
5V
1MHz to
8MHz
2k
Ω
C1
0.01µF
5k
Ω
1.5k
Ω
2k
Ω
R1
R2
EL5481, EL5482



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com