Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5481CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5481CS
Description  Quad 8ns High-Speed Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5481CS Datasheet(HTML) 6 Page - Intersil Corporation

  EL5481CS Datasheet HTML 1Page - Intersil Corporation EL5481CS Datasheet HTML 2Page - Intersil Corporation EL5481CS Datasheet HTML 3Page - Intersil Corporation EL5481CS Datasheet HTML 4Page - Intersil Corporation EL5481CS Datasheet HTML 5Page - Intersil Corporation EL5481CS Datasheet HTML 6Page - Intersil Corporation EL5481CS Datasheet HTML 7Page - Intersil Corporation EL5481CS Datasheet HTML 8Page - Intersil Corporation EL5481CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Timing Diagram
Definition of Terms
TERM
DEFINITION
VOS
Input Offset Voltage - Voltage applied between the two input terminals to obtain CMOS logic threshold at the output
VIN
Input Voltage Pulse Amplitude - Usually set to 1V for comparator specifications
VOD
Input Voltage Overdrive - Usually set to 50mV and in opposite polarity to VIN for comparator specifications
tpd+
Input to Output High Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the
CMOS logic threshold of an output low to high transition
tpd-
Input to Output Low Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the
CMOS logic threshold of an output high to low transition
td+
Latch Disable to Output High Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low
to high transition to the point of the output crossing CMOS threshold in a low to high transition
td-
Latch Disable to Output Low Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low
to high transition to the point of the output crossing CMOS threshold in a high to low transition
ts
Minimum Setup Time - The minimum time before the negative transition of the latch signal that an input signal change must be
present in order to be acquired and held at the outputs
th
Minimum Hold Time - The minimum time after the negative transition of the latch signal that an input signal must remain unchanged
in order to be acquired and held at the output
tpw (D)
Minimum Latch Disable Pulse Width - The minimum time that the latch signal must remain high in order to acquire and hold an
input signal change
VIN
VOD
th
ts
tpd-
tpw(D)
td+
Latch
Enable
Input
Latch
Compare
Latch
Latch
Compare
Differential
Input
Voltage
Comparator
Output
1.4V
VOS
2.4V
EL5481, EL5482



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com