Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS673 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS673 Datasheet HTML 1Page - Allegro MicroSystems ATS673 Datasheet HTML 2Page - Allegro MicroSystems ATS673 Datasheet HTML 3Page - Allegro MicroSystems ATS673 Datasheet HTML 4Page - Allegro MicroSystems ATS673 Datasheet HTML 5Page - Allegro MicroSystems ATS673 Datasheet HTML 6Page - Allegro MicroSystems ATS673 Datasheet HTML 7Page - Allegro MicroSystems ATS673 Datasheet HTML 8Page - Allegro MicroSystems ATS673 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
OPERATING CHARACTERISTICS Valid at TA = –40°C to 150°C, TJ ≤TJ(max), over full range of AG, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
Continued on the next page...
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
Operating; TJ < TJ(Max)
3.3
–
26.5
V
Undervoltage Lockout
VCCUV
––
<VCC(Min)
V
Supply Zener Clamp Voltage
VZSupply
ICC = ICC(Max) + 3 mA, TA = 25°C
28
31
35
V
Supply Zener Current2
IZSupply
VSupply = 27 V
–
–
14
mA
Supply Current
ICC
Output = OFF or ON
3
6.5
11
mA
Reverse Supply Current
IRCC
VRCC = –18 V
–
–5
–10
mA
POWER-ON CHARACTERISTICS
Power-On Time3
tPO
Gear Speed < 100 rpm; VCC > VCC(Min)
–
–
500
µs
OUTPUT CHARACTERISTICS
Low Output Voltage
VOUT(Sat)
ISINK = 15 mA, Output = ON
–
200
450
mV
Output Zener Voltage
VZOUT
IOUT = 3 mA, TA = 25°C
30
–
–
V
Output Current Limit
IOUTLIM
Output = ON, VOUT = 12 V
35
57
90
mA
Output Leakage Current
IOUTOFF
Output = OFF, VOUT = VCC(Max)
––
10
µA
Output Rise Time
tr
10/90% points; RLOAD = 500 Ω, CLOAD = 10 pF, TA = 25°C
–
0.9
5
µs
Output Fall Time
tf
10/90% points; RLOAD = 500 Ω, CLOAD = 10 pF, TA = 25°C
–
0.5
5
µs
Output Polarity
VOUT
HT device option
Over tooth
–
HIGH
–
V
Over valley
–
LOW
–
V
LT device option
Over tooth
–
LOW
–
V
Over valley
–
HIGH
–
V
t+
100
Output Rise and Fall Time
0
t
r
90
10
t
f
VOUT(High)
VOUT(Low)
V+
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com