Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS673 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS673 Datasheet HTML 5Page - Allegro MicroSystems ATS673 Datasheet HTML 6Page - Allegro MicroSystems ATS673 Datasheet HTML 7Page - Allegro MicroSystems ATS673 Datasheet HTML 8Page - Allegro MicroSystems ATS673 Datasheet HTML 9Page - Allegro MicroSystems ATS673 Datasheet HTML 10Page - Allegro MicroSystems ATS673 Datasheet HTML 11Page - Allegro MicroSystems ATS673 Datasheet HTML 12Page - Allegro MicroSystems ATS673 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
Characteristic Data: Relative Timing Accuracy
0.5
1.0
1.5
2.0
2.5
3.0
Gear Speed (rpm)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
500
1000
1500
2000
2500
AG (mm)
AG (mm)
AG (mm)
AG (mm)
Gear Speed (rpm)
ATS673 Relative Timing Accuracy Versus Air Gap
Rising Mechanical Edge
1000 rpm, Relative to 0.5 mm Air Gap
ATS674 Relative Timing Accuracy Versus Air Gap
Rising Mechanical Edge
1000 rpm, Relative to 0.5 mm Air Gap
ATS673 Relative Timing Accuracy Versus Air Gap
Falling Mechanical Edge
1000 rpm, Relative to 0.5 mm Air Gap
ATS674 Relative Timing Accuracy Versus Air Gap
Falling Mechanical Edge
1000 rpm, Relative to 0.5 mm Air Gap
Relative Timing Accuracy Versus Air Gap
Rising Mechanical Edge
1.5 mm Air Gap, Relative to 0.5 mm Air Gap
Relative Timing Accuracy Versus Air Gap
Falling Mechanical Edge
1.5 mm Air Gap, Relative to 0.5 mm Air Gap
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.5
1.0
1.5
2.0
2.5
3.0
0.40
0.30
0.20
0.10
0
-0.10
-0.20
-0.30
-0.40
0
500
1000
1500
2000
2500
0.40
0.30
0.20
0.10
0
-0.10
-0.20
-0.30
-0.40
TA (°C)
–40
0
25
85
150
ATS673
ATS674
TA (°C)
–40
0
25
85
150
TA (°C)
–40
0
25
85
150
TA (°C)
–40
0
25
85
150
ATS673
ATS674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com