Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS673 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS673 Datasheet HTML 1Page - Allegro MicroSystems ATS673 Datasheet HTML 2Page - Allegro MicroSystems ATS673 Datasheet HTML 3Page - Allegro MicroSystems ATS673 Datasheet HTML 4Page - Allegro MicroSystems ATS673 Datasheet HTML 5Page - Allegro MicroSystems ATS673 Datasheet HTML 6Page - Allegro MicroSystems ATS673 Datasheet HTML 7Page - Allegro MicroSystems ATS673 Datasheet HTML 8Page - Allegro MicroSystems ATS673 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
SWITCHPOINT CHARACTERISTICS
Tooth Speed
S
Tooth frequency, target generating sinusoidal signal
0
–
8
kHz
Bandwidth
BW
Corresponds to output switching frequency – 3 dB
–
40
–
kHz
Operate
BOP
ATS673 % of peak-to-peak, referenced to tooth signal,
AG < AG(Max)
–40–
%
ATS674
–
30
–
%
Release
BRP
ATS673 % of peak-to-peak, referenced to tooth signal,
AG < AG(Max)
–50–
%
ATS674
–
40
–
%
CALIBRATION CHARACTERISTICS4
Initial Calibration
CalIC
Quantity of rising edges required to complete edge detec-
tion calibration
–
–
3
edges
AGC Disable
CalAGC
Quantity of rising edges required to complete Automatic
Gain Control calibration
–
–
3
edges
Calibration Update
CalUPD
Quantity of rising edges required to update edge detection
calibration while running after initial calibration
–
Contin-
uous
–
edges
PERFORMANCE CHARACTERISTICS3
TPOS Air Gap Range5
AGTPOS
TPOS functionality guaranteed
0.5
–
2.5
mm
Operational Air Gap Range
AG
TPOS guaranteed, output switching, running mode
0.5
–
2.5
mm
Extended Minimum Air Gap6
AGEXTMIN
Output switching, running mode; valleys may be detected
as teeth in this range
–
–
0.5
mm
Extended Maximum Air Gap7
AGEXTMAX
Output switching, running mode; teeth may be detected as
valleys in this range
2.5
–
5
mm
Relative Timing Accuracy4,8
ErrICREL
ATS673 During initial calibration; rising or falling edges,
gear speed = 1000 rpm, target eccentricity
< 0.1 mm
–
3
6
deg
ATS674
–
3
6
deg
ErrRELR
ATS673 Rising edges; after initial calibration, gear speed
= 1000 rpm, target eccentricity < 0.1 mm
–
0.5
0.8
deg
ATS674
–
0.4
0.8
deg
ErrRELF
ATS673 Falling edges; after initial calibration, gear speed
= 1000 rpm, target eccentricity < 0.1 mm
–
0.8
1.2
deg
ATS674
–
0.6
1.2
deg
Phase Delay9
∆ErrSREL After initial calibration, AG=1.5 mm, TA = 25°C
–
1.6 x 10–4
–
deg/rpm
1Typical values are taken at VCC = 12 V and TA = 25°C.
2IZSupply(Max) is equivalent to ICCON(Max) + 3 mA.
3Using reference target 8X.
4The term edge refers to a mechanical edge, such as the side of a gear tooth, passing under the device. Rising edge: from valley to approaching tooth.
Falling edge: from tooth to approaching valley.
5The TPOS Air Gap Range is the range of installation air gaps within which the TPOS (True Power-On State) function is guaranteed to correctly detect
a tooth when powered-on over a tooth and correctly detecting a valley when powered-on over a valley, using reference target 8X or equivalent, as
specified in the Target/Gear Parameters for Correct TPOS Operation section in this document.
6The Extended Minimum Air Gap is a range of installation air gaps, smaller than AG(Min), within which the the device will accurately detect target fea-
tures but TPOS is NOT guaranteed to be fully accurate, possibly evaluating the initial valley as a tooth.
7The Extended Maximum Air Gap is an extended range of installation air gaps, greater than AG(Max), within which the the device will accurately detect
target features but TPOS is not guaranteed to be fully accurate, possibly evaluating the intiial tooth as a valley.
8Relative Timing Accuracy is the change in edge position before the resulting change in device output; for a single device, over the full Operational Air
Gap Range, AG, and Operating Ambient Temperature, TA, range.
9Phase Delay is the change in edge position at detection, through the full operational Tooth Speed, S, range for a single device, and at a single ambi-
ent temperature, TA, and installation air gap, AG.
OPERATING CHARACTERISTICS, continued Valid at TA = –40°C to 150°C, TJ≤TJ(max), over full range of AG, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com