Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS673 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS673 Datasheet HTML 1Page - Allegro MicroSystems ATS673 Datasheet HTML 2Page - Allegro MicroSystems ATS673 Datasheet HTML 3Page - Allegro MicroSystems ATS673 Datasheet HTML 4Page - Allegro MicroSystems ATS673 Datasheet HTML 5Page - Allegro MicroSystems ATS673 Datasheet HTML 6Page - Allegro MicroSystems ATS673 Datasheet HTML 7Page - Allegro MicroSystems ATS673 Datasheet HTML 8Page - Allegro MicroSystems ATS673 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ATS673 and ATS674
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage,VCC ...........................................28 V
Reverse-Supply Voltage, VRCC ........................–18 V
Continuous Output Current, IOUT ...................20 mA
Reverse-Output Current, IROUT.......................50 mA
Operating Temperature
Ambient, TA, Range L................–40ºC to 150ºC
Maximum Junction, TJ(max)........................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
Tight timing accuracy over operating temperature range
True zero-speed operation
TPOS (True Power-On State)
Air-gap-independent switchpoints
High immunity to vibration
Large operating air gaps
Operation with supply voltages down to 3.3 V
Digital output representing target profile
Single-chip solution for high reliability
Optimized Hall IC/magnet system
AGC and reference adjust circuit
Undervoltage lockout
Recognizing the increasingly stringent requirements for EMC/EMI in automotive
applications, Allegro has taken the necessary steps to design devices that are
capable of withstanding the effects of radiated and conducted transients. The
ATS673 and ATS674 devices have been designed specifically for this purpose.
Advanced circuitry on the die allows them to survive positive and negative
transient pulses on both the input and output.
The ATS673 and ATS674 devices retain all of the same characteristics as the
ATS671 and ATS672. The devices remain true zero-speed gear tooth sensors with
optimized Hall IC/magnet configuration in an SIP (single in-line package). The
SIP assembly consists of a molded package that holds together a samarium cobalt
magnet, a pole piece, and a true zero-speed Hall IC that has been optimized to the
magnetic circuit.
The sensor incorporates a single element Hall IC that switches in response to
magnetic signals created by a ferrous target. The IC contains a sophisticated
digital circuit designed to eliminate the detrimental effects of magnet and system
offsets. Signal processing is used to provide zero-speed performance independent
of air gap and also to dynamically adapt device performance to the typical
operating conditions found in automotive applications, particularly cam sensing
applications (reduced vibration sensitivity).
High-resolution (9-bit) peak detecting DACs are used to set the adaptive switching
thresholds of the devices, ensuring high accuracy even in the presence of gear
eccentricity. Hysteresis in the thresholds reduces the negative effects of anomalies
in the magnetic signal (such as magnetic overshoot) associated with the targets
used in many automotive applications. The ATS673 and 674 also include a low
bandwidth filter that increases the noise immunity and the signal to noise ratio of
the sensor.
Two options are available for output polarity, low over tooth (LT) and high over
tooth (HT). For applications requiring absolute accuracy use the ATS674. The
ATS673 should be used for targets with high wobble.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for
Automotive Cam Sensing Applications
Features and Benefits
Package SE, 4-pin Through Hole
1. VCC
2. VOUT
3. TEST
4. GND
1
2
3
4


Similar Part No. - ATS673

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS673 ALLEGRO-ATS673 Datasheet
644Kb / 19P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673LSETN-HT-T ALLEGRO-ATS673LSETN-HT-T Datasheet
644Kb / 19P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673LSETN-LT-T ALLEGRO-ATS673LSETN-LT-T Datasheet
644Kb / 19P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 ALLEGRO-ATS673_06 Datasheet
644Kb / 19P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
More results

Similar Description - ATS673

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS643LSH ALLEGRO-ATS643LSH Datasheet
501Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS673 ALLEGRO-ATS673_06 Datasheet
644Kb / 19P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS672LSB ALLEGRO-ATS672LSB_03 Datasheet
798Kb / 15P
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
May 1, 2006
ATS675LSE ALLEGRO-ATS675LSE Datasheet
477Kb / 13P
Self-Calibrating TPOS Speed Sensor Optimized for Automotive Cam Sensing Applications
ATS675 ALLEGRO-ATS675 Datasheet
364Kb / 14P
Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
ATS19580 ALLEGRO-ATS19580 Datasheet
1,013Kb / 16P
Direction Sensor IC for Gear Tooth Sensing
November 18, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com