Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4451CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL4451CS
Description  Wideband Variable-Gain Amplifier, Gain of 2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4451CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL4451CS Datasheet HTML 1Page - Intersil Corporation EL4451CS Datasheet HTML 2Page - Intersil Corporation EL4451CS Datasheet HTML 3Page - Intersil Corporation EL4451CS Datasheet HTML 4Page - Intersil Corporation EL4451CS Datasheet HTML 5Page - Intersil Corporation EL4451CS Datasheet HTML 6Page - Intersil Corporation EL4451CS Datasheet HTML 7Page - Intersil Corporation EL4451CS Datasheet HTML 8Page - Intersil Corporation EL4451CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Typical Performance Curves (Continued)
Common-Mode
Rejection Ratio
vs Frequency
Input Voltage Noise
vs Frequency
Nonlinearity vs
Input Signal Differential Gain
Differential Gain Error
vs Input Offset Voltage
VS = ±5V or ±12V
Differential Phase Error
vs Input Offset Voltage
VS = ±5V
Differential Phase Error
vs Input Offset Voltage
VS = ±12V
Differential Gain
and Phase Errors
vs Gain Setting
Differential Gain
and Phase Errors
vs Load Resistance
EL4451



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com