Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4451CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL4451CS
Description  Wideband Variable-Gain Amplifier, Gain of 2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4451CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL4451CS Datasheet HTML 1Page - Intersil Corporation EL4451CS Datasheet HTML 2Page - Intersil Corporation EL4451CS Datasheet HTML 3Page - Intersil Corporation EL4451CS Datasheet HTML 4Page - Intersil Corporation EL4451CS Datasheet HTML 5Page - Intersil Corporation EL4451CS Datasheet HTML 6Page - Intersil Corporation EL4451CS Datasheet HTML 7Page - Intersil Corporation EL4451CS Datasheet HTML 8Page - Intersil Corporation EL4451CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
V+
Positive Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V
VS
V+ to V- Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . .33V
VIN
Voltage at any Input or Feedback . . . . . . . . . . . . . . . V+ to V-
∆VIN Difference between Pairs of Inputs or Feedback. . . . . . . . .6V
IIN
Current into any Input, or Feedback Pin . . . . . . . . . . . . . 4mA
IOUT Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . 30mA
PD
Maximum Power Dissipation . . . . . . . . . . . . . . . . See Curves
TA
Operating Temperature Range . . . . . . . . . . . . -40°C to +85°C
TS
Storage Temperature Range. . . . . . . . . . . . . -60°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
Power Supplies at ±5V, TA = 25°C, RL = 500Ω.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
VDIFF
Signal input differential input voltage
Clipping
1.8
2.0
V
0.2% nonlinearity
1.3
V
VCM
Common-mode range of VIN; VDIFF = 0,
VS = ±5V
±2.0
±2.8
V
VS = ±15V
±12.8
V
VOS
Input offset voltage
725
mV
VOS, FB
Output offset voltage
8
25
mV
VG, 100%
Extrapolated voltage for 100% gain
1.9
2.1
2.2
V
VG, 0%
Extrapolated voltage for 0% gain
-0.16
-0.06
0.06
V
VG, 1V
Gain at VGAIN = 1V
0.95
1.05
1.15
V/V
IB
Input bias current (all inputs)
-20
-9
0
µA
IOS
Input offset current between VIN +and VIN-, Gain+ and Gain-, FB and Ref
0.2
4
µA
NL
Nonlinearity, VIN between -1V and +1V, VG = 1V
0.2
0.5
%
Ft
Signal feedthrough, VG = -1V
-100
-70
dB
RIN, VIN
Input resistance, VIN
100
230
k
Ω
RIN, FB
Input resistance, FB
200
460
k
Ω
RIN, RGAIN
Input resistance, gain input
50
100
k
Ω
CMRR
Common-mode rejection ratio of VIN
70
90
dB
PSRR
Power supply rejection ratio of VOS, FB, VS = ±5V to ±15V
50
60
dB
VO
Output voltage swing (VIN = 0, VREF varied)
VS = ±5V
±2.5
±2.8
V
VS = ±15V
±12.5
±12.8
ISC
Output short-circuit current
40
85
mA
IS
Supply current, VS = ±15V
15.5
18
mA
EL4451



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com