Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4451CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL4451CS
Description  Wideband Variable-Gain Amplifier, Gain of 2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4451CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL4451CS Datasheet HTML 2Page - Intersil Corporation EL4451CS Datasheet HTML 3Page - Intersil Corporation EL4451CS Datasheet HTML 4Page - Intersil Corporation EL4451CS Datasheet HTML 5Page - Intersil Corporation EL4451CS Datasheet HTML 6Page - Intersil Corporation EL4451CS Datasheet HTML 7Page - Intersil Corporation EL4451CS Datasheet HTML 8Page - Intersil Corporation EL4451CS Datasheet HTML 9Page - Intersil Corporation EL4451CS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
With the higher attenuation ratio, the multiplier sees a
smaller input amplitude and distorts less, however the higher
output gain reduces circuit bandwidth. As seen in the next
curves, the peak differential gain error is 0.47% for the
attenuation ratio of 1.5, but only 0.27% with the gain of 2
constants. To maintain bandwidth, an external op amp can
be used instead of the RF - RG divider to boost the EL4451’s
output by the attenuation ratio.
Sinewave Oscillators
Generating a stable, low distortion sinewave has long been a
difficult task. Because a linear oscillator’s output tends to
grow or diminish continuously, either a clipping circuit or
automatic gain control (AGC) is needed. Clipping circuits
generate severe distortion which needs subsequent filtering,
and AGCs can be complicated.
Here is the EL4451 used as an oscillator with simple AGC:
The oscillation frequency is set by the resonance of a series-
tuned circuit, which may be an L-C combination or a crystal.
At resonance, the series impedance of the tuned circuit
drops and its phase lag is 0°, so the EL4451 needs a gain
just over unity to sustain oscillation. The VGAIN- terminal is
initially at -0.7V and the VGAIN+ terminal at about +2.1V,
setting the maximum gain in the EL4451. At such high gain,
the loop oscillates and output amplitude grows until D1
rectifies more positive voltage at VGAIN-, ultimately reducing
gain until a stable 0.5Vrms output is produced.
Using a 2MHz crystal, output distortion was -53dBc, or
0.22%. Sideband modulation was only 14Hz wide at -90dBc,
limited by the filter of the spectrum analyzer used.
The circuit works up to 30MHz. A parallel-tuned circuit can
replace the 510
Ω resistor and the 510Ω resistor moved in
place of the series-tuned element to allow grounding of the
tuned components.
Filters
The EL4451 can be connected to act as a voltage-variable
integrator as shown:
EL4451 Leveler Circuit
Attenuation Ratio = 1.5
EL4451 Leveler Circuit
Attenuation Ratio = 2
FIGURE 2. LOW-DISTORTION SINEWAVE OSCILLATOR
EL4451 CONNECTED AS VARIABLE INTEGRATOR
EL4451



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com