Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4451CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL4451CS
Description  Wideband Variable-Gain Amplifier, Gain of 2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4451CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL4451CS Datasheet HTML 1Page - Intersil Corporation EL4451CS Datasheet HTML 2Page - Intersil Corporation EL4451CS Datasheet HTML 3Page - Intersil Corporation EL4451CS Datasheet HTML 4Page - Intersil Corporation EL4451CS Datasheet HTML 5Page - Intersil Corporation EL4451CS Datasheet HTML 6Page - Intersil Corporation EL4451CS Datasheet HTML 7Page - Intersil Corporation EL4451CS Datasheet HTML 8Page - Intersil Corporation EL4451CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN7169
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL4451
Wideband Variable-Gain Amplifier,
Gain of 2
The EL4451 is a complete variable
gain circuit. It offers wide bandwidth
and excellent linearity while including a
powerful output voltage amplifier, drawing modest supply
current.
The EL4451 operates on ±5V to ±15V supplies and has an
analog input range of ±2V, making it ideal for video signal
processing. AC characteristics do not change appreciably
over the ±5V to ±15V supply range.
The circuit has an operational temperature range of -40°C to
+85°C and is packaged in plastic 14-pin DIP and 14-pin SO.
The EL4451 is fabricated with Elantec’s proprietary
complementary bipolar process which provides excellent
signal symmetry and is free from latch up.
Pinout
Features
• Complete variable-gain amplifier with output amplifier,
requires no extra components
• Excellent linearity of 0.2%
• 70MHz signal bandwidth
• Operates on ±5V to ±15V supplies
• All inputs are differential
• 400V/µs slew rate
• > 70dB attenuation @ 4MHz
Applications
• Leveling of varying inputs
• Variable filters
•Fading
• Text insertion into video
EL4451
(14-PIN PDIP, SO)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL4451CN
-40°C to +85°C
14-Pin PDIP
MDP0031
EL4451CS
-40°C to +85°C
14-Pin SO
MDP0027
Data Sheet
October 1994, Rev A
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
cont
act o
ur T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.c
om/t
sc


Similar Part No. - EL4451CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4451CS ELANTEC-EL4451CS Datasheet
302Kb / 12P
Wideband Variable-Gain Amplifier, Gain of 2
More results

Similar Description - EL4451CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
Wideband variable gain amplifier
1990 Aug 20
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
Wideband variable gain amplifier
1997 Nov 07
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
Wideband Variable-Gain Amplifier, Gain of 2
EL4452C ELANTEC-EL4452C Datasheet
270Kb / 12P
Wideband Variable-Gain Amplifier with Gain of 10
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
List of Unclassifed Man...
RMM2080 ETC-RMM2080 Datasheet
479Kb / 4P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Intersil Corporation
EL4452 INTERSIL-EL4452 Datasheet
167Kb / 10P
Wideband Variable-Gain Amplifier with Gain of 10
December 1994
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com