Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 4 Page - Texas Instruments

  OPA607 Datasheet HTML 1Page - Texas Instruments OPA607 Datasheet HTML 2Page - Texas Instruments OPA607 Datasheet HTML 3Page - Texas Instruments OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1
2
3
4
6
7
8
9
A
B
5
10
V
S-
IN1-
IN1+
OUT1
V
S+
IN2-
IN2+
OUT2
PD
1
PD
2
+
±
1
2
8
3
7
6
4
+
±
5
OUT1
IN1-
V
S-
IN1+
V
S+
A
B
OUT2
IN2-
IN2+
OUT
V
S+
V
S±
5
5
6
PD
OUT
V
S+
V
S±
4
OPAX607
SBOS981B – OCTOBER 2019 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: OPAX607
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
6 Pin Configuration and Functions
DCK Package
6-Pin SC70
Top View
DBV Package
5-Pin SOT-23
Top View
(1)
I = input, O = output, and P = power.
Pin Functions - Single Channel
PIN
I/O(1)
DESCRIPTION
NAME
DBV
DCK
IN–
4
3
I
Inverting input
IN+
3
1
I
Noninverting input
OUT
1
4
O
Output
PD
—
5
I
Low = amplifier disabled, high = amplifier enabled; see the Power-
Down Mode section for more information.
VS–
2
2
P
Negative supply or ground (for single-supply operation)
VS+
5
5
P
Positive supply
OPA2607 D, DGK (Preview)
8-Pin SOIC, VSSOP,
Top View
OPA2607 RUG Package (Preview)
10-Pin X2QFN
Top View
Pin Functions - Dual Channel
PIN
I/O
DESCRIPTION
NAME
D, DGK
RUG
IN1–
2
2
I
Inverting input, channel 1
IN1+
3
3
I
Noninverting input, channel 1
IN2–
6
8
I
Inverting input, channel 2
IN2+
5
7
I
Noninverting input, channel 2
OUT1
1
1
O
Output, channel 1
OUT2
7
9
O
Output, channel 2
VS–
4
5
—
Negative (lowest) supply or ground (for single-supply operation)
VS+
8
10
—
Positive (highest) supply
PD1
—
4
I
Low = amplifier 1 disabled, high = amplifier 1 enabled; see the Power-Down
Mode section for more information.
PD2
—
6
I
Low = amplifier 2 disabled, high = amplifier 2 enabled; see the Power-Down
Mode section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com