Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 1 Page - Texas Instruments

  OPA607 Datasheet HTML 1Page - Texas Instruments OPA607 Datasheet HTML 2Page - Texas Instruments OPA607 Datasheet HTML 3Page - Texas Instruments OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
+
±
V
S+
R
G
R
G
R
F
V
REF
I
SH
+
±
V
TH
Short Circuit
Detection
LOAD
OPA607
R
EXT
C
EXT
GND
+
±
TLV3201
VCC
LED driver
Transimpedance
stage
í
+
VREF
ADC
OPA607
APD
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
OPAX607
SBOS981B – OCTOBER 2019 – REVISED FEBRUARY 2020
OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output
CMOS Operational Amplifier
1
1 Features
1
•
Low IQ: 900 µA (typical)
•
Input Offset Drift: 1.5 μV/°C (maximum)
•
Offset voltage: 100 µV (typical)
•
Gain bandwidth product: 50 MHz
•
Broadband noise: 3.8 nV/
√Hz
•
Input bias current: 20 pA (maximum)
•
Rail-to-rail output (RRO)
•
Decompensated, gain
≥ 6 V/V (stable)
•
Shutdown current: 1 µA (maximum)
•
Supply range: 2.2 V to 5.5 V
2 Applications
•
Current-sensing
•
Fish finders and sonar
•
Ultrasonic flow meters
•
Printers
•
Light curtains and safety guards
•
Optical modules
•
Handheld test equipment
•
PM2.5 and PM10 particle sensors
3 Description
The OPAX607 is a decompensated (gain = 6 V/V
stable), general-purpose complementary metal oxide
semiconductor (CMOS) operational amplifier (op
amp) that provides low noise of 3.8 nV/
√Hz and a
wide gain bandwidth of 50 MHz. The low noise and
wide bandwidth of the OPAX607 make the device
attractive
for
general-purpose
applications
that
require
a
good
balance
between
cost
and
performance. The high-impedance CMOS inputs
make the OPAX607 an ideal amplifier to interface
with sensors with large output
impedance
(for
example, piezoelectric transducers).
The OPA607 features a power-down mode with a
maximum quiescent current of less than 1 µA, making
the device suitable for use in portable battery-
powered applications. The rail-to-rail output (RRO) of
the OPA607 can swing up to 10 mV from the supply
rails, enabling maximum dynamic range.
This op amp is optimized for low-voltage operation as
low as 2.2 V (±1.1 V) and up to 5.5 V (±2.75 V), and
is specified over the temperature range of –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA607
SC70 (6)
2.00 mm × 1.25 mm
SOT23 (5)
2.90 mm × 1.60 mm
OPA2607
SOIC (8) (2)
4.90 mm × 3.91 mm
VSSOP (8) (2)
3.00 mm × 3.00 mm
X2QFN (10) (2)
1.50 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Preview package.
OPA607 as a Difference Amplifier for a Current-
Sensing Application
OPA607 as a Low-Speed TIA


Similar Part No. - OPA607

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA607 TI1-OPA607 Datasheet
562Kb / 21P
OPA607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA607 TI1-OPA607 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA607 TI-OPA607 Datasheet
2Mb / 43P
OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA607 TI-OPA607 Datasheet
2Mb / 45P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA607 TI-OPA607 Datasheet
3Mb / 48P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
More results

Similar Description - OPA607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
4/03-Data Sheet changed from REV. A to REV. B.
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
logo
Texas Instruments
OPA607 TI1-OPA607 Datasheet
562Kb / 21P
OPA607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA607 TI-OPA607_V02 Datasheet
2Mb / 43P
OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA2607-Q1 TI-OPA2607-Q1 Datasheet
1Mb / 31P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
OPA607 TI-OPA607_V03 Datasheet
2Mb / 45P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA607 TI-OPA607_V04 Datasheet
3Mb / 48P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA607-Q1 TI-OPA607-Q1 Datasheet
1Mb / 35P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
OPA607-Q1 TI-OPA607-Q1_V01 Datasheet
2Mb / 37P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com