Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
+
±
+2.5V
9 NŸ
OPA607
2 NŸ
-2.5V
1.8 NŸ
300 Ÿ
SW
105 Ÿ
+
±
+2.5V
40 NŸ
OPA837
-2.5V
0.4 nF
0.4 nF
0.1
F
To ADC/FDA
Ultrasonic Sensor
100 NŸ
12
OPAX607
SBOS981B – OCTOBER 2019 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: OPAX607
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The OPAX607 features a 50-MHz gain bandwidth with 900 µA of supply current, providing good AC performance
at low-power consumption. The low input noise voltage of 3.8 nV/
√Hz, the approximate pA of bias current, and a
typical input offset voltage of 0.1 mV make the device very suitable for both AC and DC applications.
9.2 Typical Applications
9.2.1 High-Input Impedance (Hi-Z), Large-Gain Signal Front-End
Figure 4. Hi-Z, Large-Gain Front-End Circuit
9.2.1.1 Design Requirements
The objective is to design a high-input impedance, high-dynamic range, signal-conditioning front-end. An
example application for such a front-end circuit is the receive signal chain in an ultrasonic-based end equipment
(EE) such as fish finders, printers, and flow meters. Table 1 lists the design requirements for this application.
Table 1. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Amplifier supply
±2.5 V
Input signal frequency
200 kHz
Minimum voltage
300 µVrms
Minimum SNR at 300 µVrms
40 dB
9.2.1.2 Detailed Design Procedure
The concept used in an ultrasonic transmit (Tx) and receive (Rx) system is to send a large-amplitude tone at a
known frequency and to calculate the time elapsed for the reflections to be received using a highly selective
band-pass filter and to calculate the distance using:
Distance = Time × Speed
(1)
Ultrasound speed is constant for a given medium and the time-of-flight (ToF) is calculated using the method
explained in this section. The transmitter creates these ultrasonic signals by exciting a piezo crystal at its
resonant frequency, which is in turn tuned to be in the ultrasonic frequency spectrum. Fish finders are one the
primary end equipments that use such a Tx and Rx system. Based on the aperture angle and the distance to be
measured in water, a frequency range from 50 kHz to 200 kHz is chosen as a base carrier frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com