Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AOL
Gmin
Decompensated Op Amp
Unity Gain Stable Op Amp
´
¶d
´
¶1
´
¶u
´
¶2 ´
¶u
´
¶GBP
c
10
OPAX607
SBOS981B – OCTOBER 2019 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: OPAX607
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Decompensated Architecture With Wide Gain-Bandwidth Product
Amplifiers such as the OPAX607 that are not unity-gain stable are referred to as decompensated amplifiers. The
decompensated architecture typically allows for higher GBW, higher slew rate, and lower noise compared to a
unity-gain stable amplifier with similar quiescent current. The increased available bandwidth reduces the rise time
and the settling time of the op amp, allowing for sampling at faster rates in an ADC-based signal chain.
As shown in Figure 2, the dominant pole fd is moved to the frequency f1 in the case of a decompensated op amp.
The solid AOL plot is the open-loop gain plot of a traditional unity-gain stable op amp. The change in internal
compensation in a decompensated amp such as the OPAX607 increases the bandwidth for the same amount of
power. That is, the decompensated op amp has an increased bandwidth to power ratio when compared to a
unity-gain stable op amp of equivalent architecture. Besides the advantages in the above mentioned parameters,
an increased slew rate and a better distortion (HD2 and HD3) value is achieved because of the higher available
loop-gain, compared to its unity-gain counterpart. The most important factor to be considered is to ensure the op
amp is in a noise gain (NG) greater than Gmin. A value of NG lower than Gmin results in instability, as shown in
Figure 2 because the 1/ß curve intersects the AOL curve at 40 dB/decade. This method of analyzing stability is
called the rate of closure method. See the precision lab training videos from TI for a better understanding on
stability and for different techniques of ensuring stability.
Figure 2. Gain vs Frequency Characteristics for a Unity-Gain Stable Op Amp
and a Decompensated Op Amp
The OPAX607 is stable in a noise gain of 6 V/V (15.56 dB) or higher in conventional gain circuits; see Figure 3.
The device has 9 MHz of small-signal bandwidth (SSBW) in this gain configuration with approximately 65° of
phase margin. The high GBW and low voltage noise of the OPAX607 make the device suitable for general-
purpose, high-gain applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com