Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTC Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # NTC
Description  Thermistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

NTC Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  NTC Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NTC Thermistor
Electriacl Characteristics
Type Number
Zero Power
Resistance
At 25°C
Max.Steady
State
Current
At 25°C
Thermal
Dissipation
Constant
Thermal
Time
Constant
Operating
Temperature
Range
Package Dimensions
(mm)
Ω
A
mW/°C
Sec
°C
D-5 Series Sensing NTC Thermistor
5D-5
5
1
6
20
-55 ~ +200
10D-5
10
0.7
6
20
-55 ~ +200
60D-5
60
0.3
6
18
-55 ~ +200
200D-5
200
0.1
6
18
-55 ~ +200
D-7 Series Sensing NTC Thermistor
5D-7
5
2
10
28
-55 ~ +200
8D-7
8
1
9
27
-55 ~ +200
10D-7
10
1
9
27
-55 ~ +200
12D-7
12
1
9
27
-55 ~ +200
16D-7
16
0.7
9
27
-55 ~ +200
22D-7
22
0.6
9
27
-55 ~ +200
33D-7
33
0.5
10
28
-55 ~ +200
200D-7
200
0.2
11
28
-55 ~ +200
D-9 Series Sensing NTC Thermistor
3D-9
3
4
11
35
-55 ~ +200
4D-9
4
3
11
35
-55 ~ +200
5D-9
5
3
11
34
-55 ~ +200
6D-9
6
2
11
34
-55 ~ +200
8D-9
8
2
11
32
-55 ~ +200
9D-9
9
2
11
32
-55 ~ +200
10D-9
10
1
11
32
-55 ~ +200
12D-9
12
1
11
32
-55 ~ +200
16D-9
16
1
11
31
-55 ~ +200
20D-9
20
1
11
30
-55 ~ +200
22D-9
22
1
11
30
-55 ~ +200
30D-9
30
1
11
30
-55 ~ +200
33D-9
33
1
11
30
-55 ~ +200
50D-9
50
1
11
30
-55 ~ +200
60D-9
60
0.8
11
30
-55 ~ +200
80D-9
80
0.8
11
30
-55 ~ +200
120D-9
120
0.8
11
30
-55 ~ +200
200D-9
200
0.5
11
32
-55 ~ +200
400D-9
400
0.2
11
32
-55 ~ +200
5max
6.5max
0.6/0.5
0.6/0.5
6.5max
5±1
5±1
5.5max
8.5max
0.6±0.1
0.6±0.1
8.5max
5±1
5±1
5.5max
10.5max
0.6±0.1
0.6±0.1
10.5max
7.5/5
7.5/5
Rev :
www.leiditech.com
01.06.2018
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com