Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTC Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # NTC
Description  Thermistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

NTC Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  NTC Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Applications
Part Numbering System
Critical Technical Parameters of NTC Thermistor
This is a Negative Temperature Coefficient Resistor Whose resistance
changes with ambient temperature changes. Thermistor comprises 2 or 4
kinds of metal oxides of iron, nickel,cobalt, manganese and copper, being
shaped and Sintered at high temperature(1200℃ to 1500℃ )
* Rt---Resistance Value at Zero-power
It's a resistance which is got at a fixed temperature on a basis of a testing
power which causes resistance to Vary in a range which can be ignored in
relation to the total testing eror.
* R25---Resistance Value at Rated Zero-power
The design resistance of the thermistor usually refers to the resistance value got at Zero-power at 25℃ , which is usually
indicated on the thermistor.
* Max. steady state current.Imax.
The maximum allowable continuous current passing through thermistor at 25℃.
* Dissipation Coefficient δ
It's the ratio of the changes with a thermistor dissipation power, in a pre-set ambient temperature, to the changes with the
temperature. The formula is as below:δ = △P/ △T ,δ changes in response when the ambient temperature changes, within the
ranges of the working temperature.
Conversion power supply, switch power, UPS power, Kinds of electric heter, electronic energy-saving lamps, electronic ballast
etc all kinds of power cicuit proterction of electronic equipments, filament proterction of CRT, bulb and other lighting lamps.
NTC
10
D-13
Negative Temperature
Cofficient Resistor
Resistance Value:10Ω
Diameter of Chip: Φ13
Rev :
www.leiditech.com
01.06.2018
1/4
NTC Thermistor


Similar Part No. - NTC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
NTC TEC-NTC Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Exsense Electronics Tec...
NTC 10D20 EXSENSE-NTC 10D20 Datasheet
243Kb / 5P
Strong power and strong capability of surge current protection.
NTC-0.7D20 EXSENSE-NTC-0.7D20 Datasheet
243Kb / 5P
Strong power and strong capability of surge current protection.
NTC-0.7D25 EXSENSE-NTC-0.7D25 Datasheet
243Kb / 5P
Strong power and strong capability of surge current protection.
NTC-1.3D13 EXSENSE-NTC-1.3D13 Datasheet
243Kb / 5P
Strong power and strong capability of surge current protection.
More results

Similar Description - NTC

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PHC08102P3B7 THINKING-PHC08102P3B7 Datasheet
46Kb / 2P
CPTC Thermistor
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
NTC THERMISTOR
logo
Vincotech
80-M2122PA200SC-K709F40 VINCOTECH-80-M2122PA200SC-K709F40 Datasheet
591Kb / 6P
Integrated thermistor
logo
Murata Manufacturing Co...
NXRS15WB333JA1B MURATA-NXRS15WB333JA1B Datasheet
213Kb / 3P
NXR Thermistor
NXRS15WF104FA5B MURATA-NXRS15WF104FA5B Datasheet
214Kb / 3P
NXR Thermistor
NXRS15XH103FA5B MURATA-NXRS15XH103FA5B Datasheet
210Kb / 3P
NXR Thermistor
NXRS15XM202EA1B MURATA-NXRS15XM202EA1B Datasheet
212Kb / 3P
NXR Thermistor
NXRS15XM202EA3A016 MURATA-NXRS15XM202EA3A016_17 Datasheet
214Kb / 3P
NXR Thermistor
NXRS15XV302FA5B MURATA-NXRS15XV302FA5B Datasheet
203Kb / 3P
NXR Thermistor
NXRT15WB473FA5B MURATA-NXRT15WB473FA5B Datasheet
206Kb / 3P
NXR Thermistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com