Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTC Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # NTC
Description  Thermistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

NTC Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  NTC Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NTC Thermistor
Type Number
Zero Power
Resistance
At 25°C
Max.Steady
State
Current
At 25°C
Thermal
Dissipation
Constant
Thermal
Time
Constant
Operating
Temperature
Range
Package Dimensions
(mm)
Ω
A
mW/°C
Sec
°C
D-15 Series Sensing NTC Thermistor
1.3D-15
1.3
8
18
68
-55 ~ +200
1.5D-15
1.5
8
18
69
-55 ~ +200
3D-15
3
7
18
76
-55 ~ +200
5D-15
5
6
20
76
-55 ~ +200
6D-15
6
5
20
80
-55 ~ +200
7D-15
7
5
20
80
-55 ~ +200
8D-15
8
5
20
80
-55 ~ +200
10D-15
10
5
20
75
-55 ~ +200
12D-15
12
5
21
75
-55 ~ +200
15D-15
15
4
21
85
-55 ~ +200
16D-15
16
4
21
70
-55 ~ +200
20D-15
20
4
21
86
-55 ~ +200
30D-15
30
3
21
75
-55 ~ +200
47D-15
47
3
21
86
-55 ~ +200
120D-15
120
1.8
22
87
-55 ~ +200
D-20 Series Sensing NTC Thermistor
0.7D-20
0.7
11
24
89
-55 ~ +200
1.3D-20
1.3
9
24
88
-55 ~ +200
3D-20
3
8
24
88
-55 ~ +200
5D-20
5
7
24
87
-55 ~ +200
6D-20
6
6
25
103
-55 ~ +200
8D-20
8
6
25
105
-55 ~ +200
10D-20
10
6
25
102
-55 ~ +200
12D-20
12
5
25
100
-55 ~ +200
16D-20
16
5
25
100
-55 ~ +200
D-25 Series Sensing NTC Thermistor
1D-25
1
12
30
120
-55 ~ +200
1.5D-25
1.5
10
30
121
-55 ~ +200
3D-25
3
9
32
124
-55 ~ +200
5D-25
5
8
32
125
-55 ~ +200
8D-25
8
7
33
125
-55 ~ +200
10D-25
10
7
32
125
-55 ~ +200
12D-25
12
6
32
126
-55 ~ +200
16D-25
16
6
35
126
-55 ~ +200
7max
16.5max
0.8±0.05
0.8±0.05
16.5max
7.5±0.1
7.5±0.1
7max
22max
1.0±0.05
1.0±0.05
22max
7.5/10
7.5/10
8max
26.5max
0.8
0.8
26.5max
10
10
Electriacl Characteristics
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com