Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTC Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # NTC
Description  Thermistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

NTC Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  NTC Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd NTC Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electriacl Characteristics
Type Number
Zero Power
Resistance
At 25°C
Max.Steady
State
Current
At 25°C
Thermal
Dissipation
Constant
Thermal
Time
Constant
Operating
Temperature
Range
Package Dimensions
(mm)
Ω
A
mW/°C
Sec
°C
D-11 Series Sensing NTC Thermistor
2.5D-11
2.5
5
13
43
-55 ~ +200
3D-11
3
5
13
43
-55 ~ +200
4D-11
4
4
13
44
-55 ~ +200
5D-11
5
4
13
45
-55 ~ +200
6D-11
6
3
13
45
-55 ~ +200
8D-11
8
3
14
47
-55 ~ +200
10D-11
10
3
14
47
-55 ~ +200
12D-11
12
2
14
48
-55 ~ +200
16D-11
16
2
14
50
-55 ~ +200
20D-11
20
2
15
52
-55 ~ +200
22D-11
22
2
15
52
-55 ~ +200
30D-11
30
1.5
15
52
-55 ~ +200
33D-11
33
1.5
15
52
-55 ~ +200
50D-11
50
1.5
15
52
-55 ~ +200
60D-11
60
1.5
15
52
-55 ~ +200
80D-11
80
1.2
15
52
-55 ~ +200
120D-13
120
1.2
16
65
-55 ~ +200
D-13 Series Sensing NTC Thermistor
1.3D-13
1.3
7
13
60
-55 ~ +200
1.5D-13
1.5
7
13
60
-55 ~ +200
2.5D-13
2.5
6
13
60
-55 ~ +200
3D-13
3
6
14
60
-55 ~ +200
4D-13
4
5
15
67
-55 ~ +200
5D-13
5
5
15
68
-55 ~ +200
6D-13
6
4
15
65
-55 ~ +200
7D-13
7
4
15
65
-55 ~ +200
8D-13
8
4
15
60
-55 ~ +200
10D-13
10
4
15
65
-55 ~ +200
12D-13
12
3
16
65
-55 ~ +200
15D-13
15
3
16
60
-55 ~ +200
16D-13
16
3
16
60
-55 ~ +200
20D-13
20
3
16
65
-55 ~ +200
30D-13
30
2.5
16
65
-55 ~ +200
47D-13
47
2
17
65
-55 ~ +200
120D-13
120
1.2
16
65
-55 ~ +200
6max
14.5max
0.8±0.05
0.8±0.05
14.5max
7.5/5
7.5/5
5.5max
12.5max
0.8±0.05
0.8±0.05
12.5max
7.5/5
7.5/5
Rev :
www.leiditech.com
01.06.2018
3/4
NTC Thermistor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com