Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM2000MKF Datasheet(PDF) 20 Page - Sanken electric

Part # SCM2000MKF
Description  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2000MKF Datasheet(HTML) 20 Page - Sanken electric

Back Button SCM2000MKF Datasheet HTML 16Page - Sanken electric SCM2000MKF Datasheet HTML 17Page - Sanken electric SCM2000MKF Datasheet HTML 18Page - Sanken electric SCM2000MKF Datasheet HTML 19Page - Sanken electric SCM2000MKF Datasheet HTML 20Page - Sanken electric SCM2000MKF Datasheet HTML 21Page - Sanken electric SCM2000MKF Datasheet HTML 22Page - Sanken electric SCM2000MKF Datasheet HTML 23Page - Sanken electric SCM2000MKF Datasheet HTML 24Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
SCM2000MKF Series
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
20
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
control ICs. The VCC1 and VCC2 pins must be
externally connected on a PCB because they are not
internally connected. To prevent malfunction induced by
supply ripples or other factors, put a 0.01 μF to 0.1 μF
ceramic capacitor, CVCCx, near these pins. To prevent
damage caused by surge voltages, put an 18 V to 20 V
Zener diode, DZ, between the VCCx and COMx pins.
Voltages to be applied between the VCCx and COMx
pins should be regulated within the recommended
operational range of VCC, given in Section 2.
COM1
VBB
LS3
LS2
LS1
COM2
VDC
RS
CDC
CS
OCP
31
33
32
27
16
2
Create a single-point
ground (a star ground)
near RS, but keep it
separated from the power
ground.
U1
Figure 12-4.
Connections to Logic Ground
12.2.7. HIN1, HIN2, and HIN3;
LIN1, LIN2, and LIN3
These are the input pins of the internal motor drivers
for each phase. The HINx pin acts as a high-side
controller; the LINx pin acts as a low-side controller.
Figure 12-5 shows an internal circuit diagram of the
HINx or LINx pin. This is a CMOS Schmitt trigger
circuit with a built-
in 22 kΩ pull-down resistor, and its
input logic is active high.
Input signals across the HINx–COM and the LINx–
COM in each phase should be set within the ranges
provided in Table 12-2, below. Note that dead time
setting must be done for HINx and LINx signals because
the IC does not have a dead time generator.
The higher PWM carrier frequency rises, the more
switching loss increases. Hence, the PWM carrier
frequency must be set
so that operational case
temperatures and junction temperatures have sufficient
margins against the absolute maximum ranges, specified
in Section 1.
If the signals from the microcontroller become
unstable, the IC may result in malfunctions. To avoid
this event, the outputs from the microcontroller output
line should not be high impedance.
Also, if the traces from the microcontroller to the
HINx or LINx pin (or both) are too long, the traces may
be interfered by noise. Therefore, it is recommended to
add an additional filter or a pull-down resistor near the
HINx or LINx pin as needed (see Figure 12-6).
Here are filter circuit constants for reference:
– R
IN1x: 33
Ω to100 Ω
– R
IN2x: 1
kΩ to10 kΩ
– C
INx: 100 pF to 1000 pF
Care should be taken when adding RIN1x and RIN2x to
the traces. When they are connected each other, the
input voltage of the HINx and LINx pins becomes
slightly
lower
than
the
output
voltage
of
the
microcontroller.
Table 12-2.
Input Signals for HINx and LINx Pins
Parameter
High Level Signal
Low Level Signal
Input Voltage
3 V < VIN < 5.5 V
0 V < VIN < 0.5 V
Input Pulse
Width
≥0.5 μs
≥0.5 μs
PWM Carrier
Frequency
≤20 kHz
Dead Time
≥1.5 μs
HINx
(LINx)
COMx
5 V
2 k
Ω
22 k
Ω
U1
Figure 12-5.
Internal Circuit Diagram of HINx or
LINx Pin
RIN1x
RIN2x
CINx
U1
Input
signal
Controller
HINx
(LINx)
SCM200xMF
Figure 12-6.
Filter Circuit for HINx or LINx Pin
12.2.8. OCP
This pin serves as the input of the overcurrent
protection (OCP) for monitoring the currents going
through the output transistors. Section 12.3.4 provides
further information about the OCP circuit configuration
and its mechanism.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com