Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM2000MKF Datasheet(PDF) 3 Page - Sanken electric

Part # SCM2000MKF
Description  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2000MKF Datasheet(HTML) 3 Page - Sanken electric

  SCM2000MKF Datasheet HTML 1Page - Sanken electric SCM2000MKF Datasheet HTML 2Page - Sanken electric SCM2000MKF Datasheet HTML 3Page - Sanken electric SCM2000MKF Datasheet HTML 4Page - Sanken electric SCM2000MKF Datasheet HTML 5Page - Sanken electric SCM2000MKF Datasheet HTML 6Page - Sanken electric SCM2000MKF Datasheet HTML 7Page - Sanken electric SCM2000MKF Datasheet HTML 8Page - Sanken electric SCM2000MKF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
SCM2000MKF Series
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
3
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
14.1. IGBT Steady-state Loss, PON -------------------------------------------------------------------- 27
14.2. IGBT Switching Loss, PSW----------------------------------------------------------------------- 28
14.3. Estimating Junction Temperature of IGBT-------------------------------------------------- 28
15. Performance Curves ------------------------------------------------------------------------------------ 29
15.1. Transient Thermal Resistance Curves -------------------------------------------------------- 29
15.2. Performance Curves of Control Parts--------------------------------------------------------- 30
15.3. Performance Curves of Output Parts --------------------------------------------------------- 35
15.3.1. Output Transistor Performance Curves ------------------------------------------------ 35
15.3.2. Switching Losses ----------------------------------------------------------------------------- 36
15.4. Allowable Effective Current Curves----------------------------------------------------------- 38
15.4.1. SCM2007MKF ------------------------------------------------------------------------------- 38
15.4.2. SCM2008MKF ------------------------------------------------------------------------------- 39
15.5. Short Circuit SOAs (Safe Operating Areas) ------------------------------------------------- 40
15.5.1. SCM2007MKF ------------------------------------------------------------------------------- 40
15.5.2. SCM2008MKF ------------------------------------------------------------------------------- 40
16. Pattern Layout Example ------------------------------------------------------------------------------- 41
17. Typical Motor Driver Application ------------------------------------------------------------------- 43
Important Notes---------------------------------------------------------------------------------------------- 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com