Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM2000MKF Datasheet(PDF) 21 Page - Sanken electric

Part # SCM2000MKF
Description  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2000MKF Datasheet(HTML) 21 Page - Sanken electric

Back Button SCM2000MKF Datasheet HTML 17Page - Sanken electric SCM2000MKF Datasheet HTML 18Page - Sanken electric SCM2000MKF Datasheet HTML 19Page - Sanken electric SCM2000MKF Datasheet HTML 20Page - Sanken electric SCM2000MKF Datasheet HTML 21Page - Sanken electric SCM2000MKF Datasheet HTML 22Page - Sanken electric SCM2000MKF Datasheet HTML 23Page - Sanken electric SCM2000MKF Datasheet HTML 24Page - Sanken electric SCM2000MKF Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
SCM2000MKF Series
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
21
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
12.2.9. SELECT
The SCM2000MKF series is designed to select an
OCP hold time, tP, from 34
μm or 8 ms, based on the
SELECT pin connection. (For more details on the OCP,
see Section 12.3.4.)
When connecting the SELECT pin to the ground
(COM) as in Figure 9-1, select an OCP hold time of 8
ms. When pulling up the SELECT pin to the external
power supply (3.0 V to 5.5 V) as in Figure 9-2, select an
OCP hold time of 34 µs. A pull-up resistor, RSEL, and a
noise filter capacitor, CSEL, should be maintained within
the recommended range given in Section 2.
12.2.10. SD
The SD pin serves as the input for the overvoltage
protection which monitors voltages across the VBB and
LSx pins. Section 12.3.5 provides details on the SD pin
peripheral circuit and the OVP operation.
12.2.11. FO
This pin operates as the fault signal output and the
shutdown signal input. Sections 12.3.1 and 12.3.2
explain the two functions in detail, respectively.
Figure 12-7 illustrates an internal circuit diagram of
the FO pin and its peripheral circuit. Because of its
open-drain nature, the FO pin should be tied by a pull-up
resistor, RFO, to the external power supply. The external
power supply voltage (i.e., the FO Pin Pull-up Voltage,
VFO) should range from 3.0 V to 5.5 V. Figure 12-9
shows a relation between the FO pin voltage and the
pull-up resistor, RFO. When the pull-up resistor, RFO, has
a too small resistance, the FO pin voltage at fault signal
output becomes high due to the on-resistance of a built-
in MOSFET, QFO (Figure 12-7). Therefore, it is
recommended to use a 1 kΩ to 22 kΩ pull-up resistor
when the Low Level Input Threshold Voltage of the
microcontroller, VIL, is set to 1.0 V. To suppress noise,
add a filter capacitor, CFO, near the IC with minimizing a
trace length between the FO and COMx pins.
Note that, however, this additional filtering allows a
delay time, tD(FO), to occur, as seen in Figure 12-8. The
delay time, tD(FO), is a period of time which starts when
the IC receives a fault flag turning on the internal
MOSFET, QFO, and continues until when the FO pin
reaches its threshold voltage (VIL) of 1.0 V or below (put
simply, until the time when the IC detects a low state,
“L”). Figure 12-10 shows how the delay time, tD(FO), and
the noise filter capacitor, CFO, are related.
When VIL is set to 1.0 V, it is recommended to use a
0.001 μF to 0.01 μF noise filter capacitor, C
FO, allowing
a
sufficient
margin
to
deal
with
variations
in
characteristics.
To
avoid
the
repetition
of
OCP
activations, the external microcontroller must shut off
any input signals to the IC within an OCP hold time, tP,
which occurs after the internal MOSFET (QFO) turn-on.
tP
is
20
μs where the thermal characteristics
(SELECT = logic high) are taken into account. (For
more details, see Section 12.3.4.) To resume motor
operations thereafter, set the motor to be resumed after a
lapse of ≥2 seconds.
5 V
50
Ω
2 k
Ω
100 k
Ω
Blanking
filter
Output SW turn-off
QFO
3.0 µs (typ.)
VFO
CFO
INT
RFO
U1
5
2
FO
COM2
Figure 12-7.
Internal Circuit Diagram of FO Pin and
Its Peripheral Circuit
FO Pin
Voltage
QFO
VIL
tD(FO)
ON
0
Figure 12-8.
FO Pin Delay Time, tD(FO)
Figure 12-9.
Fault Signal Voltage vs.
Pull-up Resistor, RFO
Figure 12-10.
Delay Time, tD(FO) vs. Filter Capacitor,
CFO
0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
R
FO (kΩ)
T
j = 25 °C
Max.
Typ.
Min.
0
5
10
15
0.000
0.005
0.010
0.015
0.020
0.025
C
FO (µF)
T
j = 25 °C
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com