Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM2000MKF Datasheet(PDF) 28 Page - Sanken electric

Part # SCM2000MKF
Description  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2000MKF Datasheet(HTML) 28 Page - Sanken electric

Back Button SCM2000MKF Datasheet HTML 24Page - Sanken electric SCM2000MKF Datasheet HTML 25Page - Sanken electric SCM2000MKF Datasheet HTML 26Page - Sanken electric SCM2000MKF Datasheet HTML 27Page - Sanken electric SCM2000MKF Datasheet HTML 28Page - Sanken electric SCM2000MKF Datasheet HTML 29Page - Sanken electric SCM2000MKF Datasheet HTML 30Page - Sanken electric SCM2000MKF Datasheet HTML 31Page - Sanken electric SCM2000MKF Datasheet HTML 32Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
SCM2000MKF Series
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
28
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
Figure 14-1.
Linear Approximate Equation of VCE(SAT)
vs. IC Curve
14.2. IGBT Switching Loss, PSW
Switching loss in an IGBT, PSW, can be calculated by
Equation (4), letting IM be the effective current value of
the motor:
PSW=√2π×fC×αE×IM×VDC300.
(4)
Where:
fC is the PWM carrier frequency (Hz),
VDC is the main power supply voltage (V), i.e., the
VBB pin input voltage, and
α
E is the slope of the switching loss curve (see Section
15.3.2).
14.3. Estimating Junction Temperature of
IGBT
The junction temperature of an IGBT, Tj, can be
estimated with Equation (5):
Tj=R(j−C)Q×(PON+PSW)+TC.
(5)
Where:
R(j-c)Q is the junction-to-case thermal resistance per
IGBT (°C/W), and
TC is the case temperature (°C), measured at the point
defined in Figure 3-1.
.
y = 0.108x + 0.831
y = 0.036x + 1.359
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
7
8
9
10
I
C (A)
VCC = 15 V
75
°C
125
°C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com