Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 58Page - STMicroelectronics STM32MP151F Datasheet HTML 59Page - STMicroelectronics STM32MP151F Datasheet HTML 60Page - STMicroelectronics STM32MP151F Datasheet HTML 61Page - STMicroelectronics STM32MP151F Datasheet HTML 62Page - STMicroelectronics STM32MP151F Datasheet HTML 63Page - STMicroelectronics STM32MP151F Datasheet HTML 64Page - STMicroelectronics STM32MP151F Datasheet HTML 65Page - STMicroelectronics STM32MP151F Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 253 page
background image
Pinouts, pin description and alternate functions
STM32MP151C/F
62/253
DS12501 Rev 3
-
A19
A23
A19
VSS
S
-
-
-
-
-
-
G1
H5
PZ1
I/O
FT_fh
-
I2C6_SDA, I2C2_SDA,
I2C5_SDA,
SPI1_MISO/I2S1_SDI,
I2C4_SDA, USART1_RX,
SPI6_MISO, EVENTOUT
-
-
-
G4
F4
PZ3
I/O
FT_f
-
I2C6_SDA, I2C2_SDA,
I2C5_SDA, SPI1_NSS/I2S1_WS,
I2C4_SDA,
USART1_CTS/USART1_NSS,
SPI6_NSS, EVENTOUT
-
-
-
H4
J5
PI9
I/O
FT
-
HDP1, UART4_RX,
LCD_VSYNC, EVENTOUT
-
-
-
G3
G2
PZ0
I/O
FT_fh
-
I2C6_SCL, I2C2_SCL,
SPI1_SCK/I2S1_CK,
USART1_CK, SPI6_SCK,
EVENTOUT
-
-
-
J4
K5
PZ2
I/O
FT_fh
-
I2C6_SCL, I2C2_SCL,
I2C5_SMBA,
SPI1_MOSI/I2S1_SDO,
I2C4_SMBA, USART1_TX,
SPI6_MOSI, EVENTOUT
-
-
-
G2
G1
PZ4
I/O
FT_f
-
I2C6_SCL, I2C2_SCL,
I2C5_SCL, I2C4_SCL,
EVENTOUT
-
G1
B2
-
A22
VSS
S
-
-
-
-
D1
F1
K4
J4
PG12
I/O
FT_h
-
LPTIM1_IN1, SPI6_MISO,
SAI4_CK2,
USART6_RTS/USART6_DE,
SPDIFRX_IN2, LCD_B4,
SAI4_SCK_A, ETH1_PHY_INTN,
FMC_NE4, LCD_B1, EVENTOUT
-
-
-
H2
H4
PZ5
I/O
FT_f
-
I2C6_SDA, I2C2_SDA,
I2C5_SDA, I2C4_SDA,
USART1_RTS/USART1_DE,
EVENTOUT
-
-
E9
-
-
VDDCORE
S
-
-
-
-
-
-
H1
G3
PZ6
I/O
FT_f
-
I2C6_SCL, I2C2_SCL,
USART1_CK, I2S1_MCK,
I2C4_SMBA, USART1_RX,
EVENTOUT
-
-
-
J3
H3
PZ7
I/O
FT_f
-
I2C6_SDA, I2C2_SDA,
USART1_TX, EVENTOUT
-
-
-
-
H2
PI12
I/O
FT_h
-
TRACED0, HDP0, LCD_HSYNC,
EVENTOUT
-
Table 7. STM32MP151C/F pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com