Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 81Page - STMicroelectronics STM32MP151F Datasheet HTML 82Page - STMicroelectronics STM32MP151F Datasheet HTML 83Page - STMicroelectronics STM32MP151F Datasheet HTML 84Page - STMicroelectronics STM32MP151F Datasheet HTML 85Page - STMicroelectronics STM32MP151F Datasheet HTML 86Page - STMicroelectronics STM32MP151F Datasheet HTML 87Page - STMicroelectronics STM32MP151F Datasheet HTML 88Page - STMicroelectronics STM32MP151F Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 253 page
background image
DS12501 Rev 3
85/253
STM32MP151C/F
Pinouts, pin description and alternate functions
118
B4
C7
C19
E11
PA15
I/O
FT_h
-
DBTRGI, TIM2_CH1/TIM2_ETR,
SAI4_D2, SDMMC1_CDIR, CEC,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS, SPI6_NSS,
UART4_RTS/UART4_DE,
SDMMC2_D5, SDMMC2_CDIR,
SDMMC1_D5, SAI4_FS_A,
UART7_TX, LCD_R1,
EVENTOUT
-
N17
-
1G7
W17
VSS
S
-
-
-
-
C6
C8
A8
A11
PA9
I/O
FT_h
-
TIM1_CH2, I2C3_SMBA,
SPI2_SCK/I2S2_CK,
USART1_TX, SDMMC2_CDIR,
SDMMC2_D5, DCMI_D0,
LCD_R5, EVENTOUT
-
A3
B5
D11
F11
PB7
I/O
FT_fh
-
TIM17_CH1N, TIM4_CH2,
I2C1_SDA, I2C4_SDA,
USART1_RX, SDMMC2_D1,
DFSDM1_CKIN5, FMC_NL,
DCMI_VSYNC, EVENTOUT
-
-
L13
1F5
N14
VDDCORE
S
-
-
-
-
A2
A4
B9
B10
PD1
I/O
FT_fh
-
I2C6_SCL, DFSDM1_DATIN6,
I2C5_SCL, SAI3_SD_A,
UART4_TX, SDMMC3_D0,
DFSDM1_CKIN7,
FMC_AD3/FMC_D3, EVENTOUT
-
-
R9
1J6
-
VDD
S
-
-
-
-
C5
A3
B8
C10
PD0
I/O
FT_fh
-
I2C6_SDA, DFSDM1_CKIN6,
I2C5_SDA, SAI3_SCK_A,
UART4_RX, SDMMC3_CMD,
DFSDM1_DATIN7,
FMC_AD2/FMC_D2, EVENTOUT
-
-
R8
-
W19
VSS
S
-
-
-
-
1A3
A5
C9
A10
PE3
I/O
FT_h
-
TRACED0, TIM15_BKIN,
SAI1_SD_B, SDMMC2_CK,
FMC_A19, EVENTOUT
-
C4
D7
A7
A9
PD5
I/O
FT_h
-
USART2_TX, SDMMC3_D2,
FMC_NWE, EVENTOUT
-
B3
B4
D10
F10
PD7
I/O
FT_fh
-
TRACED6, DFSDM1_DATIN4,
I2C2_SCL, DFSDM1_CKIN1,
USART2_CK, SPDIFRX_IN1,
SDMMC3_D3, FMC_NE1,
EVENTOUT
-
-
M10
-
-
VDDCORE
S
-
-
-
-
Table 7. STM32MP151C/F pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com