Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 80Page - STMicroelectronics STM32MP151F Datasheet HTML 81Page - STMicroelectronics STM32MP151F Datasheet HTML 82Page - STMicroelectronics STM32MP151F Datasheet HTML 83Page - STMicroelectronics STM32MP151F Datasheet HTML 84Page - STMicroelectronics STM32MP151F Datasheet HTML 85Page - STMicroelectronics STM32MP151F Datasheet HTML 86Page - STMicroelectronics STM32MP151F Datasheet HTML 87Page - STMicroelectronics STM32MP151F Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 253 page
background image
Pinouts, pin description and alternate functions
STM32MP151C/F
84/253
DS12501 Rev 3
C8
A8
B12
B12
PB15
I/O
FT_h
-
RTC_REFIN, TIM1_CH3N,
TIM12_CH2, TIM8_CH3N,
USART1_RX,
SPI2_MOSI/I2S2_SDO,
DFSDM1_CKIN2, SDMMC2_D1,
EVENTOUT
-
-
L11
-
N12
VDDCORE
S
-
-
-
-
B7
B7
C11
C12
PE5
I/O
FT_h
-
TRACED3, SAI1_CK2,
DFSDM1_CKIN3, TIM15_CH1,
SPI4_MISO, SAI1_SCK_A,
SDMMC2_D0DIR,
SDMMC1_D0DIR, SDMMC2_D6,
SDMMC1_D6, FMC_A21,
DCMI_D6, LCD_G0, EVENTOUT
-
--
-
U12
VDD
S
-
-
-
-
C7
A7
A11
A12
PB3
I/O
FT_h
-
TRACED9, TIM2_CH2,
SAI4_CK1, SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK, SPI6_SCK,
SDMMC2_D2, SAI4_MCLK_A,
UART7_RX, EVENTOUT
-
-
R6
-
V19
VSS
S
-
-
-
-
B5
A6
A10
D11
PG6
I/O
FT_h
-
TRACED14, TIM17_BKIN,
SDMMC2_CMD, DCMI_D12,
LCD_R7, EVENTOUT
-
1F7
-
-
-
VDDCORE
S
-
-
-
-
A7
C6
D14
B11
PD3
I/O
FT_h
-
HDP5, DFSDM1_CKOUT,
SPI2_SCK/I2S2_CK,
DFSDM1_DATIN0,
USART2_CTS/USART2_NSS,
SDMMC1_D123DIR,
SDMMC2_D7,
SDMMC2_D123DIR,
SDMMC1_D7, FMC_CLK,
DCMI_D5, LCD_G7, EVENTOUT
-
C9
D9
B10
F12
PB9
I/O
FT_fh
-
HDP7, TIM17_CH1, TIM4_CH4,
DFSDM1_DATIN7, I2C1_SDA,
SPI2_NSS/I2S2_WS, I2C4_SDA,
SDMMC2_CDIR, UART4_TX,
SDMMC2_D5, SDMMC1_CDIR,
SDMMC1_D5, DCMI_D7,
LCD_B7, EVENTOUT
-
Table 7. STM32MP151C/F pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com