Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 10Page - STMicroelectronics STM32MP151F Datasheet HTML 11Page - STMicroelectronics STM32MP151F Datasheet HTML 12Page - STMicroelectronics STM32MP151F Datasheet HTML 13Page - STMicroelectronics STM32MP151F Datasheet HTML 14Page - STMicroelectronics STM32MP151F Datasheet HTML 15Page - STMicroelectronics STM32MP151F Datasheet HTML 16Page - STMicroelectronics STM32MP151F Datasheet HTML 17Page - STMicroelectronics STM32MP151F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 253 page
background image
Description
STM32MP151C/F
14/253
DS12501 Rev 3
2
Description
The STM32MP151C/F devices are based on the high-performance Arm® Cortex®-A7 32-bit
RISC core operating at up to 800 MHz. The Cortex-A7 processor includes a 32-Kbyte L1
instruction cache, a 32-Kbyte L1 data cache and a 256-Kbyte level2 cache. The Cortex-A7
processor is a very energy-efficient application processor designed to provide rich
performance in high-end wearables, and other low-power embedded and consumer
applications. It provides up to 20% more single thread performance than the Cortex-A5 and
provides similar performance than the Cortex-A9.
The Cortex-A7 incorporates all features of the high-performance Cortex-A15 and Cortex-
A17 processors, including virtualization support in hardware, NEON™, and 128-bit AMBA®4
AXI bus interface.
The STM32MP151C/F devices also embed a Cortex® -M4 32-bit RISC core operating at up
to 209 MHz frequency. Cortex-M4 core features a floating point unit (FPU) single precision
which supports Arm® single-precision data-processing instructions and data types. The
Cortex® -M4 supports a full set of DSP instructions and a memory protection unit (MPU)
which enhances application security.
The STM32MP151C/F devices provide an external SDRAM interface supporting external
memories up to 8-Gbit density (1 Gbyte), 16 or 32-bit LPDDR2/LPDDR3 or DDR3/DDR3L
up to 533 MHz.
The STM32MP151C/F devices incorporate high-speed embedded memories with
708 Kbytes of Internal SRAM (including 256 Kbytes of AXI SYSRAM, 3 banks of 128 Kbytes
each of AHB SRAM, 64 Kbytes of AHB SRAM in backup domain and 4 Kbytes of SRAM in
backup domain), as well as an extensive range of enhanced I/Os and peripherals connected
to APB buses, AHB buses, a 32-bit multi-AHB bus matrix and a 64-bit multi layer AXI
interconnect supporting internal and external memories access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com