Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 103Page - STMicroelectronics STM32MP151F Datasheet HTML 104Page - STMicroelectronics STM32MP151F Datasheet HTML 105Page - STMicroelectronics STM32MP151F Datasheet HTML 106Page - STMicroelectronics STM32MP151F Datasheet HTML 107Page - STMicroelectronics STM32MP151F Datasheet HTML 108Page - STMicroelectronics STM32MP151F Datasheet HTML 109Page - STMicroelectronics STM32MP151F Datasheet HTML 110Page - STMicroelectronics STM32MP151F Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 253 page
background image
Port D
PD0
UART4_RX
-
SDMMC3_CMD
DFSDM1_
DATIN7
FMC_AD2/
FMC_D2
-
-
EVENTOUT
PD1
UART4_TX
-
SDMMC3_D0
DFSDM1_
CKIN7
FMC_AD3/
FMC_D3
-
-
EVENTOUT
PD2
UART5_RX
-
-
-
SDMMC1_CMD
DCMI_D11
-
EVENTOUT
PD3
SDMMC1_
D123DIR
SDMMC2_D7
SDMMC2_
D123DIR
SDMMC1_D7
FMC_CLK
DCMI_D5
LCD_G7
EVENTOUT
PD4
-
-
SDMMC3_D1
DFSDM1_
CKIN0
FMC_NOE
-
-
EVENTOUT
PD5
-
-
SDMMC3_D2
-
FMC_NWE
-
-
EVENTOUT
PD6
----
FMC_NWAIT
DCMI_D10
LCD_B2
EVENTOUT
PD7
-
SPDIFRX_IN1
SDMMC3_D3
-
FMC_NE1
-
-
EVENTOUT
PD8
-
SPDIFRX_IN2
-
-
FMC_AD13/
FMC_D13
-
LCD_B7
EVENTOUT
PD9
----
FMC_AD14/
FMC_D14
DCMI_HSYNC
LCD_B0
EVENTOUT
Table 9. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SPI6/SAI2/
USART3/
UART4/5/8/
SDMMC1/2/
SPDIFRX
TIM13/14/
QUADSPI/
SDMMC2/3/
LCD/SPDIFRX
SAI2/4/
QUADSPI/
FMC/
SDMMC2/3/
OTG_FS/
OTG_HS
DFSDM1/
QUADSPI/
SDMMC1/
MDIOS/ETH1
SAI4/UART5/
FMC/SDMMC1/
MDIOS
UART7/DCMI/
LCD/RNG
UART5/LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com