Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 111Page - STMicroelectronics STM32MP151F Datasheet HTML 112Page - STMicroelectronics STM32MP151F Datasheet HTML 113Page - STMicroelectronics STM32MP151F Datasheet HTML 114Page - STMicroelectronics STM32MP151F Datasheet HTML 115Page - STMicroelectronics STM32MP151F Datasheet HTML 116Page - STMicroelectronics STM32MP151F Datasheet HTML 117Page - STMicroelectronics STM32MP151F Datasheet HTML 118Page - STMicroelectronics STM32MP151F Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 253 page
background image
Port H
PH9
----
-
DCMI_D0
LCD_R3
EVENTOUT
PH10
----
-
DCMI_D1
LCD_R4
EVENTOUT
PH11
----
-
DCMI_D2
LCD_R5
EVENTOUT
PH12
----
-
DCMI_D3
LCD_R6
EVENTOUT
PH13
UART4_TX
-
-
-
-
-
LCD_G2
EVENTOUT
PH14
UART4_RX
-
-
-
-
DCMI_D4
LCD_G3
EVENTOUT
PH15
----
-
DCMI_D11
LCD_G4
EVENTOUT
Port I
PI0
----
-
DCMI_D13
LCD_G5
EVENTOUT
PI1
----
-
DCMI_D8
LCD_G6
EVENTOUT
PI2
----
-
DCMI_D9
LCD_G7
EVENTOUT
PI3
----
-
DCMI_D10
-
EVENTOUT
PI4
-
-
SAI2_MCLK_A
-
-
DCMI_D5
LCD_B4
EVENTOUT
PI5
-
-
SAI2_SCK_A
-
-
DCMI_VSYNC
LCD_B5
EVENTOUT
PI6
-
-
SAI2_SD_A
-
-
DCMI_D6
LCD_B6
EVENTOUT
PI7
-
-
SAI2_FS_A
-
-
DCMI_D7
LCD_B7
EVENTOUT
PI8
----
---
EVENTOUT
PI9
UART4_RX
-
-
-
-
-
LCD_VSYNC
EVENTOUT
PI10
USART3_CTS/
USART3_NSS
--
ETH1_GMII_
RX_ER/
ETH1_MII_
RX_ER
-
-
LCD_HSYNC
EVENTOUT
Table 9. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SPI6/SAI2/
USART3/
UART4/5/8/
SDMMC1/2/
SPDIFRX
TIM13/14/
QUADSPI/
SDMMC2/3/
LCD/SPDIFRX
SAI2/4/
QUADSPI/
FMC/
SDMMC2/3/
OTG_FS/
OTG_HS
DFSDM1/
QUADSPI/
SDMMC1/
MDIOS/ETH1
SAI4/UART5/
FMC/SDMMC1/
MDIOS
UART7/DCMI/
LCD/RNG
UART5/LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com