Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 128Page - STMicroelectronics STM32MP151F Datasheet HTML 129Page - STMicroelectronics STM32MP151F Datasheet HTML 130Page - STMicroelectronics STM32MP151F Datasheet HTML 131Page - STMicroelectronics STM32MP151F Datasheet HTML 132Page - STMicroelectronics STM32MP151F Datasheet HTML 133Page - STMicroelectronics STM32MP151F Datasheet HTML 134Page - STMicroelectronics STM32MP151F Datasheet HTML 135Page - STMicroelectronics STM32MP151F Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 253 page
background image
Table 20. Current consumption (IDDCORE) in Run mode(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
-
MPU SS
mode
MCU
SS
mode
Oscillator
MPU
clk
(MHz)
MCU
clk
(MHz)
Tj =
25 °C
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
IDDCORE
Supply
current in
Run mode
All peripherals
enabled(2)
CRun
CRun
HSE+HSI+LSI+PLL
800(3)
209
470
520
765
955
mA
744(3)
465
510
755
945
648
330
410
600
745
940
600
325
405
580
740
935
400
295
375
565
705
905
IDDCORE
Supply
current in
Run mode
All peripherals
enabled(2)
CRun
CStop
HSE+HSI+LSI+PLL
800(3)
209
455
505
750
940
mA
744(3)
445
495
740
930
648
320
400
590
730
930
600
310
390
580
725
920
400
285
360
550
695
890
IDDCORE
Supply
current in
Run mode
All peripherals
disabled
CRun
CStop
HSE+HSI+PLL
800(3)
-
275
320
575
760
-
mA
HSE+HSI+PLL
744(3)
-
265
310
565
750
-
HSE+HSI+PLL
648
-
180
240
425
570
770
HSE+HSI+PLL
600
-
175
230
420
565
765
HSE+HSI+PLL
300
-
135
190
380
520
725
HSE+HSI+PLL
150
-
92
135
330
470
675
HSE+HSI+PLL
64
-
65
105
295
440
645
HSE+HSI+PLL
24
-
51
90
280
425
630
HSE+HSI
24
-
35.5
70
265
410
615
HSI+PLL
64
-
65
85
275
420
625
HSI+PLL
24
-
51
75
270
415
620
HSI
64
-
49
75
270
410
615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com