Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 134Page - STMicroelectronics STM32MP151F Datasheet HTML 135Page - STMicroelectronics STM32MP151F Datasheet HTML 136Page - STMicroelectronics STM32MP151F Datasheet HTML 137Page - STMicroelectronics STM32MP151F Datasheet HTML 138Page - STMicroelectronics STM32MP151F Datasheet HTML 139Page - STMicroelectronics STM32MP151F Datasheet HTML 140Page - STMicroelectronics STM32MP151F Datasheet HTML 141Page - STMicroelectronics STM32MP151F Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 253 page
background image
Table 24. Current consumption in Standby mode(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
-
MPU SS
mode
MCU
SS
mode
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj=
125 °C
IDD
Supply
current in
Standby
mode
Backup
SRAM
OFF,
RTC
OFF,
LSE
OFF
Retention
RAM OFF
CStandby
CStop
1.95
4.00
7.60
13.5
4
12
18
32
µA
Backup
SRAM
ON,
RTC
ON, LSE
ON,
medium
_high
drive
CStandby
CStop
9.6
38.5
64.5
105
17.5
70
110
180
Retention
RAM ON
CStandby
CStop
74
460
800
1300
130
850
1500
2300
1. IWDG OFF, LSI OFF, VDDCORE = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com