Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 160Page - STMicroelectronics STM32MP151F Datasheet HTML 161Page - STMicroelectronics STM32MP151F Datasheet HTML 162Page - STMicroelectronics STM32MP151F Datasheet HTML 163Page - STMicroelectronics STM32MP151F Datasheet HTML 164Page - STMicroelectronics STM32MP151F Datasheet HTML 165Page - STMicroelectronics STM32MP151F Datasheet HTML 166Page - STMicroelectronics STM32MP151F Datasheet HTML 167Page - STMicroelectronics STM32MP151F Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 253 page
background image
Electrical characteristics
STM32MP151C/F
164/253
DS12501 Rev 3
Table 52. Output voltage characteristics for PC13, PC14, PC15 and PI8(1)
Symbol
Parameter
Conditions(3)
Min
Max
Unit
VOL
Output low level voltage
CMOS port(2)
IIO = 3 mA
2.7 V ≤ VDD ≤ 3.6 V
-0.4
V
VOH
Output high level voltage
CMOS port(2)
IIO = -3 mA
2.7 V ≤ VDD ≤ 3.6 V
VDD − 0.4
-
VOL(3)
Output low level voltage
TTL port(2)
IIO = 3 mA
2.7 V ≤ VDD ≤ 3.6 V
-0.4
VOH(2)
Output high level voltage
TTL port(2)
IIO = -3 mA
2.7 V ≤ VDD ≤ 3.6 V
2.4
-
VOL(2)
Output low level voltage
IIO = 1.5 mA
1.62 V ≤ VDD ≤ 3.6 V
-0.4
VOH(2)
Output high level voltage
IIO = -1.5 mA
1.62 V ≤ VDD ≤ 3.6 V
VDD − 0.4
-
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 10:
Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com