Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 203 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 203 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 199Page - STMicroelectronics STM32MP151F Datasheet HTML 200Page - STMicroelectronics STM32MP151F Datasheet HTML 201Page - STMicroelectronics STM32MP151F Datasheet HTML 202Page - STMicroelectronics STM32MP151F Datasheet HTML 203Page - STMicroelectronics STM32MP151F Datasheet HTML 204Page - STMicroelectronics STM32MP151F Datasheet HTML 205Page - STMicroelectronics STM32MP151F Datasheet HTML 206Page - STMicroelectronics STM32MP151F Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 253 page
background image
DS12501 Rev 3
203/253
STM32MP151C/F
Electrical characteristics
232
6.3.25
Temperature sensor characteristics
6.3.26
DTS characteristics
Table 81. Temperature sensor characteristics
Symbol
Parameter
Min
Typ Max
Unit
TL(1)
1. Guaranteed by design.
VSENSE linearity with temperature (from Vsensor
voltage)
--
3
°C
VSENSE linearity with temperature (from ADC counter)
-
-
3
Avg_Slope(2)
2. Guaranteed by characterization.
Average slope (from Vsensor voltage)
-
2
-
mV/°C
Average slope (from ADC counter)
-
2
-
V30(3)
3. Measured at VDDA = 3.3 V ± 10 mV. The V30 ADC conversion result is stored in the TS_CAL1 byte.
Voltage at 30 °C ± 5 °C
-
0.62
-
V
tstart_run(1)
Startup time in Run mode (buffer startup)
5.3
-
40.5
µs
tS_temp(1)
ADC sampling time when reading the temperature
9.8
-
-
Isens(1)
Sensor consumption
0.11 0.18 0.31
µA
Isensbuf(1)
Sensor buffer consumption
2.3
3.8
6.1
Table 82. Temperature sensor calibration values
Symbol
Parameter
Memory address
TS_CAL1
TS ADC raw data acquired at temperature of
30 °C ±5 °C
VDDA = VREF+ = 3.3 V ±10 mV
0x5C00 525C[15:0](1)(2)
1. It is mandatory to read a 32-bit word and to do relevant masking and shifting to isolate the required bits.
2. This address is located inside the BSEC and the access is allowed after being enabled in the RCC.
TS_CAL2
TS ADC raw data acquired at temperature of
130 °C ±2 °C
VDDA = VREF+ = 3.3 V ±10 mV
0x5C00 525C[31:16](1)(2)
Table 83. DTS characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fDTS
Output Clock frequency (PTAT
clock)
-
-
500
-
kHz
TSLOPE
Average slope
-
-
1600
-
Hz/°C
TL
Linearity with temperature (from
Output clock frequency).
VDDCORE = 1.2 V
-
-
3.8
°C
TTOTAL_
ERROR
Temperature measurement error
VDDCORE = 1.2 V
Temperature:
-40 to 125 °C
-5
-
+5
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com