Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 224 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 224 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 220Page - STMicroelectronics STM32MP151F Datasheet HTML 221Page - STMicroelectronics STM32MP151F Datasheet HTML 222Page - STMicroelectronics STM32MP151F Datasheet HTML 223Page - STMicroelectronics STM32MP151F Datasheet HTML 224Page - STMicroelectronics STM32MP151F Datasheet HTML 225Page - STMicroelectronics STM32MP151F Datasheet HTML 226Page - STMicroelectronics STM32MP151F Datasheet HTML 227Page - STMicroelectronics STM32MP151F Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 253 page
background image
Electrical characteristics
STM32MP151C/F
224/253
DS12501 Rev 3
Figure 56. DDR mode
USB OTG_FS characteristics
The USB interface is fully compliant with the USB specification version 2.0 and is USB-IF
certified (for Full-speed device operation).
Ethernet (ETH) characteristics
Unless otherwise specified, the parameters given in Table 105, Table 106, Table 107,
Table 108 and Table 109 for MDIO/SMA, RMII, GMII, RGMII and MII are derived from tests
performed under the ambient temperature, Faxiss_ck frequency summarized in Table 13:
General operating conditions, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 20 pF
•
Measurement points are done at CMOS levels: 0.5×VDD.
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output
characteristics.
Table 105 gives the list of Ethernet MAC timings for the MDIO/SMA and Figure 57 shows
the corresponding timing diagram.
MSv63044V1
Data output
D0
D2
D4
Clock
Data input
D0
D2
D4
t(CK)
tw(CKH)
tw(CKL)
tr(CK)
tf(CK)
tsf(IN) thf(IN)
tvf(OUT)
thr(OUT)
D1
D3
D5
D1
D3
D5
tvr(OUT)
thf(OUT)
tsr(IN) thr(IN)
Table 104. USB OTG_FS electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD33USB
USB transceiver operating
voltage
-3.0(1)
-3.6
V
RPUI
Embedded USB_DP pull-up
value during idle
-
900
1250
1600
Ω
RPUR
Embedded USB_DP pull-up
value during reception
-
1400
2300
3200
ZDRV
Output driver impedance(2)
Driver high and low
28
36
44
1. The USB functionality is ensured down to 2.7 V but not the full USB electrical characteristics which are degraded in the 2.7
to 3.0 V voltage range.
2. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-); the matching impedance is
already included in the embedded driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com