Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 233 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 233 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 229Page - STMicroelectronics STM32MP151F Datasheet HTML 230Page - STMicroelectronics STM32MP151F Datasheet HTML 231Page - STMicroelectronics STM32MP151F Datasheet HTML 232Page - STMicroelectronics STM32MP151F Datasheet HTML 233Page - STMicroelectronics STM32MP151F Datasheet HTML 234Page - STMicroelectronics STM32MP151F Datasheet HTML 235Page - STMicroelectronics STM32MP151F Datasheet HTML 236Page - STMicroelectronics STM32MP151F Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 253 page
background image
DS12501 Rev 3
233/253
STM32MP151C/F
Package information
248
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
7.1
TFBGA257 package information
This TFBGA is a 257 balls, 10x10 mm, 0.5/0.65 mm pitch, low profile fine pitch ball grid
array package
Figure 64. TFBGA - Outline
1. Drawing is not to scale.
B02Y_ME_V1
D
E
F1
e1
e2
F2
E2
E1
F1
e2
F2
D2
D1
K
H
D
A
B
C
E
F
G
J
L
M
N
P
R
U
T
V
W
A
B
1H
1D
1A
1B
1C
1E
1F
1G
1J
Peripheral ball matrix pitch 0.5 mm
Central ball matrix pitch 0.65 mm
1
2
3
4
5
6
7
8
9
10
11
12
15
13
14
16
17
18
19
1
2
3
4
5
6
7
8
9
A1 ball pad corner
b (257 balls)
eee M C A B
fff
M C
A
A1
A2
SEATING
PLANE
C
ddd C
BOTTOM VIEW
TOP VIEW
SIDE VIEW
e1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com