Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 146 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 142Page - STMicroelectronics STM32MP153F Datasheet HTML 143Page - STMicroelectronics STM32MP153F Datasheet HTML 144Page - STMicroelectronics STM32MP153F Datasheet HTML 145Page - STMicroelectronics STM32MP153F Datasheet HTML 146Page - STMicroelectronics STM32MP153F Datasheet HTML 147Page - STMicroelectronics STM32MP153F Datasheet HTML 148Page - STMicroelectronics STM32MP153F Datasheet HTML 149Page - STMicroelectronics STM32MP153F Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 254 page
background image
Electrical characteristics
STM32MP153C/F
146/254
DS12503 Rev 3
Figure 17. Low-speed external clock source AC timing diagram (analog bypass)
Low-speed external user clock generated from an external source
In bypass mode the LSE oscillator is switched off and the input pin is a standard I/O. The
external clock signal has to respect the Table 50: I/O static characteristics. However, the
recommended clock input waveform is shown in Figure 18 for digital bypass and Figure 17
for analog bypass.
Table 30. Low-speed external user clock characteristics
(analog bypass)(1)
1. Guaranteed by design.
Symbol
Parameter
Min
Typ
Max
Unit
fLSE_ext
User external clock source frequency
-
32.768
-
kHz
VLSE
Absolute input range
0
-
VSW(2)
2. VSW is equal to VDD when present or VBAT otherwise
-
VPP
OSC32_IN peak-to-peak amplitude
0.2(3)
3. Minimum peak-to-peak amplitude (@25 °C, 0.1 < VDC < VSW - 0.1 V) where VDC is the DC component of
the input signal.
1-
V
I(LSE)
Power consumption
-
120
-
nA
MSv63037V1
VLSE
t
TLSE
VPP
STM32
OSC32_IN
IL
fLSE_ext
External
clock source
Table 31. Low-speed external user clock characteristics (digital bypass)(1)
Symbol
Parameter
Min
Typ
Max
Unit
fLSE_ext
User external clock source frequency
-
32.768
1000
kHz
VLSEH
OSC32_IN input pin high level voltage
0.7 × VDD
-VDD
V
VLSEL
OSC32_IN input pin low level voltage
VSS
-
0.3 VDD
tw(LSEH)
tw(LSEL)
OSC32_IN high or low time
250
-
-
ns
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com