Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 150 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 146Page - STMicroelectronics STM32MP153F Datasheet HTML 147Page - STMicroelectronics STM32MP153F Datasheet HTML 148Page - STMicroelectronics STM32MP153F Datasheet HTML 149Page - STMicroelectronics STM32MP153F Datasheet HTML 150Page - STMicroelectronics STM32MP153F Datasheet HTML 151Page - STMicroelectronics STM32MP153F Datasheet HTML 152Page - STMicroelectronics STM32MP153F Datasheet HTML 153Page - STMicroelectronics STM32MP153F Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 254 page
background image
Electrical characteristics
STM32MP153C/F
150/254
DS12503 Rev 3
6.3.9
External clock source security characteristics
6.3.10
Internal clock source characteristics
The parameters given in Table 35, Table 36 and Table 37 are derived from tests performed
under ambient temperature and VDD supply voltage conditions summarized in Table 13:
General operating conditions.
64 MHz high-speed internal RC oscillator (HSI)
Table 34. High-speed external user clock security system (HSE CSS)(1)
1. Guaranteed by design.
Symbol
Parameter
Min
Typ
Max
Unit
tDCM(HSE_CSS)
Time to detect clock missing
-
2
-
μs
tDCP(HSE_CSS)
Time to detect clock presence
-
-
250
ns
IVDD(HSE_CSS)
Power consumption (fHSE = 48 MHz)
-
-
50
μA
Table 35. HSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI(2)
HSI frequency
VDD = 3.3 V, TJ = 30 °C
63.7
64
64.3
MHz
TRIM
HSI user trimming step
Trimming is not a multiple
of 32
-
0.24
0.33
%
Trimming is 128, 256 and
384
-
-2.43
-
Trimming is 64, 192, 320
and 448
-
-0.70
-
Other trimming are a
multiple of 32 (not
including multiple of 64
and 128)
-
-0.30
-
DuCy(HSI)
Duty Cycle
-
45
-
55
%
ΔVDD (HSI)
HSI oscillator frequency drift over VDD
(reference is 3.3 V)
VDD = 1.71 to 3.6 V
-0.12
-
0.03
%
ΔTEMP (HSI)(3)
HSI oscillator frequency drift over
temperature after factory calibration
TJ = -20 to 110 °C
-1.25
-
0.75
%
TJ = -40 to 125 °C
-1.75
-
0.95
tsu(HSI)
HSI oscillator start-up time (Time
between Enable rising and First output
clock edge.)
-
-
1.47
2
µs
tstab(HSI)
HSI oscillator stabilization time
at 1% of target frequency
-3
-
µs
IDD(HSI)
HSI oscillator power consumption
-
-
300
400
µA
1. Guaranteed by design unless otherwise specified.
2. Guaranteed by test in production.
3. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com