Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 149Page - STMicroelectronics STM32MP153F Datasheet HTML 150Page - STMicroelectronics STM32MP153F Datasheet HTML 151Page - STMicroelectronics STM32MP153F Datasheet HTML 152Page - STMicroelectronics STM32MP153F Datasheet HTML 153Page - STMicroelectronics STM32MP153F Datasheet HTML 154Page - STMicroelectronics STM32MP153F Datasheet HTML 155Page - STMicroelectronics STM32MP153F Datasheet HTML 156Page - STMicroelectronics STM32MP153F Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 254 page
background image
DS12503 Rev 3
153/254
STM32MP153C/F
Electrical characteristics
233
PLL3_800, PLL4_800 characteristics
Jitter
RMS cycle-to-
cycle jitter
fPLL_P_Q_R_OUT division = 1
to 16
Without Fractional mode
VCO = 800 MHz
-
18(3)
-
±ps
VCO = 1066 MHz
-
14(3)
-
VCO = 1600 MHz
-
12(3)
-
fPLL_P_Q_R_OUT division = 1
to 16
With Fractional mode
VCO = 1066 MHz
-
20(3)
-
VCO = 1600 MHz
-
18(3)
-
RMS period jitter
fPLL_P_Q_R_OUT division = 1
to 16
Without Fractional mode
VCO = 800 MHz
-
16(3)
-
±ps
VCO = 1066 MHz
-
12(3)
-
VCO = 1600 MHz
-
10(3)
-
fPLL_P_Q_R_OUT division = 1
to 16
With Fractional mode
VCO = 1066 MHz
-
16(3)
-
VCO = 1600 MHz
-
15(3)
-
Long term jitter
fPLL_P_Q_R_OUT division = 1
to 16
fPLL_IN = 8 MHz
Without Fractional mode
VCO = 800 MHz
-
225(4)
-
ps
VCO = 1066 MHz
-
200(4)
-
VCO = 1600 MHz
-
100(4)
-
fPLL_P_Q_R_OUT division = 1
to 16
fPLL_IN = 8 MHz
With Fractional mode
VCO = 800 MHz
-
350(4)
-
VCO = 1066 MHz
-
250(4)
-
VCO = 1600 MHz
-
150(4)
-
IVDD_PLL(2)
PLL power
consumption on
VDD_PLL (Analog)
VCO freq = 1600 MHz
-
930
-
µA
VCO freq = 800 MHz
-
560
-
IVDDCORE(2)
PLL power
consumption on
VDDCORE (Digital)
VCO freq = 1600 MHz
-
4200
-
μA
VCO freq = 800 MHz
-
2100
-
1. Guaranteed by design unless otherwise specified.
2. Guaranteed by characterization results.
3. Measured on DDR high speed IO.
4. Measured on DDR high speed IO for 10000 output clock cycles.
Table 38. PLL1_1600, PLL2_1600 characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 39. PLL3_800, PLL4_800 characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
Normal mode
4
-
16
MHz
-
Sigma delta mode
8
-
16
PLL input clock
duty cycle
-10
-
90
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com