Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALI Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST7DALI
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALI Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST7DALI Datasheet HTML 66Page - STMicroelectronics ST7DALI Datasheet HTML 67Page - STMicroelectronics ST7DALI Datasheet HTML 68Page - STMicroelectronics ST7DALI Datasheet HTML 69Page - STMicroelectronics ST7DALI Datasheet HTML 70Page - STMicroelectronics ST7DALI Datasheet HTML 71Page - STMicroelectronics ST7DALI Datasheet HTML 72Page - STMicroelectronics ST7DALI Datasheet HTML 73Page - STMicroelectronics ST7DALI Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 141 page
background image
ST7DALI
70/141
11.4 DALI COMMUNICATION MODULE
11.4.1 Introduction
The DALI Communication Module (DCM) is a seri-
al communication circuit designed for controllable
electronic ballasts. Ballasts are the devices used
to provide the required starting voltage and operat-
ing current for fluorescent, mercury, or other elec-
tric-discharge lamps. The DCM supports the DALI
(Digital Addressable Lighting Interface) communi-
cations standard (IEC standard).
11.4.2 Main Features
– 8-bit forward address register for addressing
up to 64 digital ballasts
– 1.2 kHz transmission rate ±10%
– 8-bit forward and backward data registers for
bi-directional communications
– Maskable interrupt
Figure 41. Dali Communication Module Block Diagram
Note: The 4-bit preshift register is always active,
except when in Halt mode or if the DCME bit = 0.
16-bit Shift Register
1/16
1/N
8-bit DCMCLK
8-bit DCMFA
8-bit DCMFD
8-bit DCMBD
DALIOUT
DALIIN
Arbitration &
Error Detection
8
8
8
4-bit Pre-shift
fCPU
CK0
CK1
CK2
CK3
RTF
EF
ITF
ITE
FTS
RTS
RTA
DCME
0
0
0
0
fCPU
DCMCSR
DCMCR
DCM Interrupt Request
Register
Register
Register
Register
Edge
Detector
Register
Register
Register
fDALI
4-bit sample
clock counter
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com