Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALI Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST7DALI
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALI Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST7DALI Datasheet HTML 69Page - STMicroelectronics ST7DALI Datasheet HTML 70Page - STMicroelectronics ST7DALI Datasheet HTML 71Page - STMicroelectronics ST7DALI Datasheet HTML 72Page - STMicroelectronics ST7DALI Datasheet HTML 73Page - STMicroelectronics ST7DALI Datasheet HTML 74Page - STMicroelectronics ST7DALI Datasheet HTML 75Page - STMicroelectronics ST7DALI Datasheet HTML 76Page - STMicroelectronics ST7DALI Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 141 page
background image
ST7DALI
73/141
DALI COMMUNICATION MODULE (Cont’d)
11.4.6 Special Functions
11.4.6.1 Forced Transmission (Test mode)
The DCM must receive a "forward frame" before
sending back a "backward frame". But it is possi-
ble to force the DCM into Transmit state by setting
the FTS bit in the DCMCR register. The DCMBD
register will be shifted out in DALI format, the Most
Significant Bit-first. Preferably before forcing the
DCM into Transmit state, the user should reset/set
the DCME bit in the DCMCR register. An interrupt
flag will be generated after a forced transmission
(the ITF bit in the DCMCSR register).
Procedure:
– Reset the DCME bit in the DCMCR register.
– Write the backward value in the DCMBD reg-
ister.
– Set both the DCME and the FTS bits in the
DCMCR register.
– When an interrupt is generated (end of trans-
mission, the ITF bit is set in the DCMCSR reg-
ister), set the RTA bit in the DCMCR register
to re-start a transmission.
– To return to normal DALI communications, re-
set/set the DCME bit and reset the FTS bit in
the DCMCR register.
11.4.6.2 Normal Transmission
After the "forward frame" reception, the software
must write the backward data byte to the DCMBD
register and set both the RTS and RTA bits in the
DCMCR register to start the transmission.
It is not possible to send a backward frame just af-
ter having sent a backward frame (see DALI
standard protocol).
11.4.6.3 DCM Enable
The user can enable or disable the DCM by writing
the DCME bit in the DCMCR register. This bit is
also used to reset the entire internal finite state
machine.
11.4.7 DALI Interface Failure
If the DALI input signal is set to low level for a 2-bit
period (1.66 ms), then the DCM generates an er-
ror flag by setting the EF bit in the DCMCSR regis-
ter. This bit can be cleared by reading the DCMC-
SR register. The interface failure is detected if the
DCM is in Receive state only.
11.4.8 Low Power Modes
11.4.9 Interrupts
Mode
Description
WAIT
No effect on DCM
HALT
DCM registers are frozen
ACTIVE
HALT
No effect on DCM
Interrupt
Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
EOT
ITF
ITE
Yes
No
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com